Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 14Page - Cirrus Logic CS6420-CS Datasheet HTML 15Page - Cirrus Logic CS6420-CS Datasheet HTML 16Page - Cirrus Logic CS6420-CS Datasheet HTML 17Page - Cirrus Logic CS6420-CS Datasheet HTML 18Page - Cirrus Logic CS6420-CS Datasheet HTML 19Page - Cirrus Logic CS6420-CS Datasheet HTML 20Page - Cirrus Logic CS6420-CS Datasheet HTML 21Page - Cirrus Logic CS6420-CS Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
CS6420
18
DS205PP2
Register 3
* Denotes reset value
Table 6. Register 3 Bit Definitions
AErle - Acoustic ERLE Threshold
The CS6420 will allow full-duplex operation only
when the Acoustic ERLE it provides exceeds AEr-
le. See also AFNse. See Glossary for a definition
of ERLE.
AFNse - Acoustic Full-Duplex Noise Threshold
AFNse works in conjunction with AErle to deter-
mine when the CS6420 should transition into full-
duplex operation. If the current noise level at the
near-end input is greater than AFNse, then AErle is
used to determine if full-duplex is allowed. If the
noise level is below the level of AFNse, the
CS6420 uses an internal estimate of asymptotic
performance to determine whether or not to transi-
tion to full-duplex. If AFNse is zero, AErle is al-
ways used as the full-duplex criterion. The other
values exist for cases where there may not be an
acoustic path to converge to.
THDet - Transmit Half-Duplex Detection
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
AErle
AFNse
THDet
TSAtt
TSBias
TSThd
HHold
1
1
0
00
00
00
00
00
00
0
1
1
0
Bits
Name
Function
Word
Operation
15-14
AErle
AEC ERLE Threshold
00*
01
10
11
24 dB
18 dB
30 dB
reserved
13-12
AFNse
AEC Full-Duplex Noise Threshold
00*
01
10
11
zero
-42 dB
-54 dB
reserved
11-10
THDet
Tx Half-Duplex Detection Threshold
00*
01
10
11
5 dB
3 dB
6 dB
reserved
9-8
TSAtt
Tx Suppression Attenuation
00*
01
10
11
18 dB
12 dB
24 dB
reserved
7-6
TSBias
Tx Suppression Bias
00*
01
10
11
18 dB
15 dB
21 dB
reserved
5-4
TSThd
Tx Suppression Threshold
00*
01
10
11
15 dB
12 dB
9 dB
reserved
3
HHold
Hold in Half-Duplex on Howl
0*
1
disable
enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com