Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS6420-CS Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS6420-CS
Description  FULL DUPLEX SPEAKERPHONE CHIP
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6420-CS Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS6420-CS Datasheet HTML 13Page - Cirrus Logic CS6420-CS Datasheet HTML 14Page - Cirrus Logic CS6420-CS Datasheet HTML 15Page - Cirrus Logic CS6420-CS Datasheet HTML 16Page - Cirrus Logic CS6420-CS Datasheet HTML 17Page - Cirrus Logic CS6420-CS Datasheet HTML 18Page - Cirrus Logic CS6420-CS Datasheet HTML 19Page - Cirrus Logic CS6420-CS Datasheet HTML 20Page - Cirrus Logic CS6420-CS Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
CS6420
DS205PP2
17
RHDet
-
Receive
Half-Duplex
Detection
Threshold
The sensitivity of the speech detector controls
channel switching and ownership in half-duplex
mode. The receive speech detector registers speech
if the receive channel signal power is RHDet above
the noise floor for the receive channel.
HDly - Half-Duplex Holdover Delay
After a channel goes idle in the half-duplex mode
of operation, a change of channel ownership is in-
hibited for HDly in order to prevent false switching
due to echoes. The half-duplex will be more im-
mune to false switching if this delay is longer, but
it will also prevent a fast response to legitimate
channel changes.
NseRmp - Background Noise Power Estimator
Ramp Rate
The background noise power estimators increase at
a rate of 3 dB/NseRmp until the background noise
power estimate equals the current input power esti-
mate. The background noise power estimators
quickly track drops in the current input power esti-
mate. Choose small values of NseRmp if the envi-
ronment is expected to have rapidly varying noise
levels. Choose large values of NseRmp if the envi-
ronment is expected to have relatively constant
noise power.
RSThd - Receive Suppression Threshold
This parameter sets the threshold for far-end
speech detection for disengaging receive suppres-
sion. The speech detector that disengages the re-
ceive suppression has its sensitivity controlled by
RSThd. The suppression is inserted into the receive
path unless signal from the far-end exceeds the re-
ceive channel noise power by RSThd, in which
case speech is assumed to be detected and the sup-
pression is defeated until speech is no longer de-
tected. Decreasing RSThd to make the speech
detector more sensitive could result in false detec-
tions due to spurious noise events which may cause
an unpleasant noise modulation at the near-end. In-
creasing RSThd to make it robust to spurious noise,
but may cause weak far-end talkers to not be heard.
RSThd does not affect the ability of the receive
suppressor to attenuate residual network echo.
PCSen- Path Change Sensitivity
The Acoustic Interface is likely to have many path
changes, for example, as people move about in the
room where the full-duplex speakerphone is being
used. The sensitivity of the path change detector
can be changed with the PCSen Bit. Set PCSen to 0
for high sensitivity and 1 for low sensitivity.
If PCSen is set to high, extended doubletalk may
cause the CS6420 to briefly drop into half-duplex.
When PCSen is set to low, brief echo may be heard
during path changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com