Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC635 Datasheet(PDF) 20 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 20 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 16Page - Espros Photonics corp EPC635 Datasheet HTML 17Page - Espros Photonics corp EPC635 Datasheet HTML 18Page - Espros Photonics corp EPC635 Datasheet HTML 19Page - Espros Photonics corp EPC635 Datasheet HTML 20Page - Espros Photonics corp EPC635 Datasheet HTML 21Page - Espros Photonics corp EPC635 Datasheet HTML 22Page - Espros Photonics corp EPC635 Datasheet HTML 23Page - Espros Photonics corp EPC635 Datasheet HTML 24Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
The LED pin is the internal open-drain IR LED/LD driver output. When the driver is active (on), the IR LED/LD on-current flows through the
power resistor R3 into the LED pin, through the driver and comes out of the chip on the VSSLED ground pin.
■ The LED pin toggles up to 20MHz or according to the MODCLK clock with a current maximum of 500mA limited by the resistor R3.
■ The number of IR LEDs depends on the level of the LED supply voltage and the turned-on forward voltage drop of the IR LEDs.
■ This signal creates a lot of ground noise. Therefore, VSSLED pin is decoupled from the other analog grounds internally. It must be shor-
ted with the other analog ground pins with a low-ohmic connection as short as possible on the PCB. In this way, there will be minimal
voltage differences in the ground planes of the board.
■ The LED supply line must be isolated properly from any analog supply on the PCB to minimize noise coupling from the LED drivers.
The LEDFB pin is the amplifier input for the LED feedback signal. The easiest way is to pick it from a voltage divider R1 and R2 following
the IR LEDs on the PCB.
Cycle to cycle jitter
from LED pin falling (active) edge
to LEDFB pin rising (active) edge
LED
LEDFB
maximum allowed input voltage LEDFB pin = 8.5V
maximum allowed output voltage LED pin = 6.5V
V
t
LED external loop delay
jitter < 300 ps
0V
Figure 15: LED and LEDFB pin signal restrictions
The LED2 pin is the alternative push-pull driver providing symmetric rise/fall times to drive external LED driver.
■ It works from the +2.5/+3.3 VDDIO supply (VSSIO GND domain) and swings in the same voltage range like the TCMI pins.
■ LED2 = LOW (approx. 0v) corresponds to LED = OFF (max. output voltage).
■ Because non of the TCMI pads toggle during integration time, LED2 pin is the only toggling during integration time and it is not affected
from switching noise of others.
■ It can toggle up to 20MHz and deliver up to +/-50mA peak.
■ LED and LED2 pins must not be used at the same time for driving the external illumination. They exhibit different phase delays and this
can result wrong distance measurements.
LEDFB pin is the feedback amplifier input.
■ Refer to Figure 15 for input signal integrity and restrictions at the LEDFB pin.
TCK, TMS, TDI, TDO are standard JTAG controller pins (Additional information upon request)
It is recommended having “not connected pins” (NC) on test pads available. It helps e.g. to check after assembly for correct orientation of
the chip or for short-cuts.
To guarantee the proper function of the chip, the remaining, not here listed pins have to be connected according Figure 14.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
20 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com