Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC635 Datasheet(PDF) 29 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 29 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 25Page - Espros Photonics corp EPC635 Datasheet HTML 26Page - Espros Photonics corp EPC635 Datasheet HTML 27Page - Espros Photonics corp EPC635 Datasheet HTML 28Page - Espros Photonics corp EPC635 Datasheet HTML 29Page - Espros Photonics corp EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
Note 2:
Each EE_DATA write starts erase/programming EEPROM. Each EEPROM write takes 20ms, then it auto-increments
the EE_ADDR by 1.
Note 3:
Corresponding control register value is not modified. Only EEPROM register is modified.
Note 4:
EEPROM content will only be copied to corresponding control register after RESET.
Direct burst write to EEPROM: Store 8 bytes at address 0xE8 ... 0xEF
PRECONDITION: None
1.
i2cMultiWrite(0x20, 0xE8, &(0x22,0x28,0x20,0x26,0x18,0x17,0x19,0x19), 8);
// Store 8x bytes,
// calibration point registers Temp_xx_cal1/2, 20µs + 8 x (9µs + 20ms) = ~160.1ms
2.
i2cSingleWrite(0x20, 0x02, 0x05);
// MEM_CTRL_CONF = 0x05 (ee_direct_access = 0), 29µs
done.
Note 1:
Start address is sent only one time.
Note 2:
Corresponding control register value is not modified. Only EEPROM register is modified.
Note 3:
EEPROM content will only be copied to corresponding control register after RESET.
Indirect single read from EEPROM: Read 2 bytes from address 0xEA and 0xEB
PRECONDITION: None
1.
i2cSingleWrite(0x20, 0x11, 0xEA);
// EE_ADDR = 0xEA, 29µs
2.
cal1 = i2cSingleRead(0x20, 0x12);
// cal1 = EE_DATA (Temp_tr_cal1 = 0x20), 39µs
3.
cal2 = i2cSingleRead(0x20, 0x12);
// cal2 = EE_DATA (Temp_tr_cal2 = 0x26), 39µs
4.
...
done.
Note 1:
Start address is written in EE_ADDR.
Note 2:
Each EE_DATA read auto-increments the EE_ADDR by 1.
Note 3:
Corresponding control register value is not modified. Only EEPROM is read.
Direct burst read from EEPROM: Read 8 bytes from address 0xE8 ... 0xEF
PRECONDITION: None
1.
i2cSingleWrite(0x20, 0x02, 0x07);
// MEM_CTRL_CONF = 0x07 (ee_direct_access = 1), 29µs
2.
cal_arr[] = i2cMultiRead(0x20, 0xE8, 8);
// Read 8 bytes calibration points Temp_xx_cal1/2, 20µs + 8 x 9µs = 92µs
3.
i2cSingleWrite(0x20, 0x02, 0x05);
// MEM_CTRL_CONF = 0x05 (ee_direct_access = 0), 29µs
done.
Note 1:
Start address is sent only one time.
Note 2:
Corresponding control register value is not modified. Only EEPROM is read.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
29 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com