Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC635 Datasheet(PDF) 15 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 15 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 11Page - Espros Photonics corp EPC635 Datasheet HTML 12Page - Espros Photonics corp EPC635 Datasheet HTML 13Page - Espros Photonics corp EPC635 Datasheet HTML 14Page - Espros Photonics corp EPC635 Datasheet HTML 15Page - Espros Photonics corp EPC635 Datasheet HTML 16Page - Espros Photonics corp EPC635 Datasheet HTML 17Page - Espros Photonics corp EPC635 Datasheet HTML 18Page - Espros Photonics corp EPC635 Datasheet HTML 19Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
3.4. PCB design and SMD manufacturing process considerations
As the epc635 chip comes in a very small 44 pin chip scale package, the PCB layout should be made with special care. Because the sili -
con chip is small and light weight compared the the solder balls, it is highly recommended that all tracks to the chip should come straight
from the side. A symmetrical design is highly recommended to achieve high production yield.
The pads and the tracks should also have exactly the same width and shall be covered by a solder resist mask in order to avoid drain of
the solder tin alloy to the track.
Analog ground plane
fully covered with solder stop
Track:
0.150
Pad:
 0.250
Solder stop
covers PCB
and tracks
Pitch: 0.500
Solder stop opening:
 0.350
Vias must be filled solid or covered by solder mask
to prevent drain of underfill into or through the vias
Important Note
Due to the thin chip substrate,
unevenness of the substrate surface
will be visible on the top surface of
the chip. This may cause optical issues
and has to be considered carefully.
Figure 10: Recommended PCB layout (all measures in mm)
As shown in Figure 10, a ground plane shall be placed on the top PCB layer underneath the chip. This ground plane acts as a shield to
suppress high frequency emission of fast interface signal lines. It is important that this plane is completely flat. Thus, the plane must not be
scattered nor divided into sections. It should be rather full-faced and no via should be placed in this plane. Otherwise chip bending might
occur.
Underfill of the components reduces stress to the solder pads caused by e.g. temperature cycling or mechanical bending.Furthermore the
thermal and mechanical fatigue will be reduced and the longterm reliability will be increased. Underfill material and underfill selection is ap-
plication specific. It shall follow JEDEC-STD JEP150: Stress-Test-Driven Qualification of and Failure Mechanisms Associated with Assem-
bled Solid State Surface- Mount Components.
Please also, refer to the application note AN08 Process-Rules CSP Assembly which can be downloaded from the ESPROS website at
www.espros.com/application-notes. Obeying these recommendations a high manufacturing yield can be achieved.
3.5. Soldering and IC handling
Because the epc635 chip is only 50μm thick, a careful handling during the assembly process shall be assured in order to avoid mechanical
damage. In addition to that, careful PCB layout is needed in order to achieve reliable assembly results with a high yield. Please refer to the
application note AN08 from ESPROS which contains comprehensive information to these topics. This application note can be downloaded
at www.espros.com/application-notes.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
15 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com