Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC635 Datasheet(PDF) 85 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 85 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 81Page - Espros Photonics corp EPC635 Datasheet HTML 82Page - Espros Photonics corp EPC635 Datasheet HTML 83Page - Espros Photonics corp EPC635 Datasheet HTML 84Page - Espros Photonics corp EPC635 Datasheet HTML 85Page - Espros Photonics corp EPC635 Datasheet HTML 86Page - Espros Photonics corp EPC635 Datasheet HTML 87Page - Espros Photonics corp EPC635 Datasheet HTML 88Page - Espros Photonics corp EPC635 Datasheet HTML 89Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
8.7.7. SEQ_Control
SEQ_Control
Mod./demod. registers, SEG1 *: Sequencer control
0x91
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
pixel_seq_
wait_row_
done_en
reserved
Operation
RW
Default
0
0
0
0
0
0
1
1
0x03
pixel_seq_wait_row_
done_en:
If enabled, avoids readout rollover when using slower DCLKs e.g. DCLK < 10MHz with default ROI. Stretches
HSYNC for slower TCMI interface. Causes reduced DCS frame rate due to additional 2µs per ADC conversion
(tconv + 2µs).
0: disable for DCLK > 10MHz (default)
1: enable for DCLK = 10MHz or lower with default ROI
8.7.8. MOD_Control **
MOD_Control **
Mod./demod. registers, SEG1 *: Modulation select
0x92
Bit No.
7
6
5
4
3
2
1
0
Bit name
mod_sel
dcs_sel
int_len
_mgx1_en
reserved
Operation
RW
Default
0
0
1
1
0
1
0
0
0x34
mod_sel:
Modulation select
00: Sinusoidal mode
01: reserved
10: reserved
11: Grayscale mode
dcs_sel:
Number of DCS read-outs select
00: 1x DCSx: DCS0
Grayscale mode
01: 2x DCSx: DCS0, DCS1
Dual MGX mode
10: reserved
11: 4x DCSx: DCS0, DCS1, DCS2, DCS4
Single MGX mode
Note: dcs_sel must be set to 11 for Single-MGX, 01 for Dual-MGX sine mode, or 00 for grayscale mode
int_len_mgx1_en:
Int_Len_mgx1_hi/lo enable (refer to DUAL MGX mode – single DCS acquisition with different integration time)
0: disable
1: enable
Note: int_len_mgx1_en must be enabled only when dual_mgx_mode = 1,
otherwise it is not effective (see Figure 33)
8.7.9. Dist_offset **
Dist_offset **
Mod./demod. registers, SEG1 *: Distance offset
0x93
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
dist_offset
Operation
RW
Default
0
0
0
0
0
0
0
0
0x00
dist_offset
Number of pll_clk period delays on the abd, abg, mga, mgb signals.
Note: It is effective in all modulation modes.
Therefore, it is recommended to set it to 0 for all modulation modes.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
85 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com