Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC635 Datasheet(PDF) 91 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 91 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 87Page - Espros Photonics corp EPC635 Datasheet HTML 88Page - Espros Photonics corp EPC635 Datasheet HTML 89Page - Espros Photonics corp EPC635 Datasheet HTML 90Page - Espros Photonics corp EPC635 Datasheet HTML 91Page - Espros Photonics corp EPC635 Datasheet HTML 92Page - Espros Photonics corp EPC635 Datasheet HTML 93Page - Espros Photonics corp EPC635 Datasheet HTML 94Page - Espros Photonics corp EPC635 Datasheet HTML 95Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
I2C_TCMI_control
I2C and TCMI register, SEG4 *: Control
0xCB
Bit No.
7
6
5
4
3
2
1
0
Bit name
reserved
tcmi_8bit_
data_sat_en
tcmi_data_format_sel
tcmi_dclk
_mode
tcmi_esm_en
i2c_spike
_filter_en
i2c_clock
_stretch_en
Operation
RW
Default
0
0
1
0
0
0
1
1
0x23
tcmi_8bit_
data_sat_en:
When split modes selected (tcmi_data_format_sel = 11 or 10), forces bit DATA[0] of the LSByte = 1 when the
pixel is saturated. Not effective with other TCMI data formats.
0: disabled
1: enabled
tcmi_data_format_sel: TCMI 8/12-bit data format select
00: reserved
01: 8-bit mode:
Transfers the 8 MSB bits of the pixel data with 1x DCLK.
10: lsb/msb split mode:
Transfers 12 bit pixel data with LSByte leading and MSByte trailing with 2x DCLK.
Data are MSB aligned (default). The optional SAT bit is on the LSB.
11: msb/lsb split mode
Transfers 12 bit pixel data with MSByte leading and LSByte trailing with 2x DCLK.
Data are MSB aligned. The optional SAT bit is on the LSB.
tcmi_dclk_mode:
TCMI DCLK mode select
0: continuous
1: gated
tcmi_esm_en:
TCMI ESM mode enable
0: disabled
1: enabled
i2c_spike_filter_en:
I2C pins input spike filter
0: disabled (> 1MHz)
1: enabled (≤ 1MHz, FM+)
i2c_clock_stretch_en: I2C clock stretching
0: disabled
1: enabled
Note:
When i2c_spike_filter_en = 0, SDA and SCL pins can be used up to 10MHz as inputs (driven rail-to-rail by a real CMOS driver,
no pull-up). They can be used up to 2MHz as outputs.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
91 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com