Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPC635 Datasheet(PDF) 31 Page - Espros Photonics corp

Part # EPC635
Description  3D TOF Imager 160 x 60 Pixel
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC [Espros Photonics corp]
Direct Link  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC635 Datasheet(HTML) 31 Page - Espros Photonics corp

Back Button EPC635 Datasheet HTML 27Page - Espros Photonics corp EPC635 Datasheet HTML 28Page - Espros Photonics corp EPC635 Datasheet HTML 29Page - Espros Photonics corp EPC635 Datasheet HTML 30Page - Espros Photonics corp EPC635 Datasheet HTML 31Page - Espros Photonics corp EPC635 Datasheet HTML 32Page - Espros Photonics corp EPC635 Datasheet HTML 33Page - Espros Photonics corp EPC635 Datasheet HTML 34Page - Espros Photonics corp EPC635 Datasheet HTML 35Page - Espros Photonics corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
Figure 27 shows the example for 4x DCS frames and a DLL_measurement_rate = 4.
Start &
init
Integration
DCS0
Conversion &
read-out DCS0
Integration
DCS1
Conversion &
read-out DCS1
Integration
DCS2
Conversion &
read-out DCS2
Integration
DCS3
Conversion &
read-out DCS3
Task
LED modulation
t
ON
t
OFF
t
SYNCH
Total measurement cycle t
CYCLE
Integration time t
INT
Figure 27: DLL synchronization example for 4x DCS frames
The DLL period tSYNCH is skipped for DLL_measurement_rate = 0. The last compensation delay value is preserved.
Design notes:
■ Minimize the path delay from the feedback node in the resistor divider to the LEDFB pin (yellow).
■ Place the resistor dividers as close as possible to the LEDFB pin on the PCB.
■ Noisy circuits should be placed away from the LEDFB pin and resistor dividers.
5.6.1. DLL locking operation
Before starting the DLL locking operation, the mga_ref signal must be delayed behind the led_fb signal (see Figure 28) by setting mgx_de-
lay_sel = 1 or higher in the register Demodulation_delays. It gives an initial 12.5ns phase offset to the mga_ref signal. Next, the modulator
toggles the mgx and led_mod signals without enabling the DLL (DLL pre-synchronization: DLL_en_del). Finally, the modulator enables the
DLL locking operation with mgx and led_mod signals toggling until the end (DLL_en).
The default DLL pre-synchronization is 10µs and DLL lock time 30µs. It is indicated as tSYNC in Figure 27. These values can be changed by
DLL_en_del/DLL_en registers (see Table 41 , DLL Synchronization registers).
led_mod
mga
pll_clk
mga_ref
t
mgx_del_sel
t
mga_ref
led_fb: after delay locked
led_fb: before delay locked
mga_ref must be delayed behind the led_fb
before DLL starts locking operation
Delay locked
n-Clk Delay
t
PLL
= 12.5ns
x-Delay
t
led_fb
t
DLL
Figure 28: DLL delay locking operation
If locked, the compensation delay is frozen (x-Delay) and the mgx and led_mod signals are in phase (point A and B) until next synchroniz -
ation cycle. Set the DLL synchronization rate (DLL_measurement_rate register) in multiples of the DCS frame number. Example: Set
DLL_measurement_rate = 4 if the system runs the 4x DCS mode (dcs_sel = 11 in the MOD_Control.dcs_sel register). All DCS frames (0-
3) are acquired this way with the same DLL compensation delay and the samples stay correlated with each other.
DLL_measurement_rate = 0: Holds last compensation delay and uses it for the next DCS frames.
IMPORTANT:
■ The DLL has a delay locking range of 6ns ... 76ns with 7ps fine delay steps.
■ When the DLL is enabled, mgx_del_sel must be 1 or higher because in addition to the delays from the LED driver, LED/LD circuit and
LEDFB input a minimum 6ns delay is inserted on the led_mod line.
■ The value of the mgx_del_sel register must be > 1 if the delay variation of LEDF signal is more than one pll_clk period. This allows to
compensate this wide-range variation, e.g. for LED/LD circuits placed far away from the epc635 and causing long time offsets.
© 2017 ESPROS Photonics Corporation
Characteristics subject to change without notice
31 / 97
Datasheet_epc635-V1.02
www.espros.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com