Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 8 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 4Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 5Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 6Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 7Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 8Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 9Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 10Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 11Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Typical application schematics
TS4621B
8/48
Doc ID 022194 Rev 2
2
Typical application schematics
Figure 1.
Typical application schematics for the TS4621B
Table 3.
TS4621B pin description
Pin number
Pin name
Pin definition
A1
SW
Switching node of the buck converter
A2
AVDD
Analog supply voltage, connect to battery
A3
VOUTL
Output signal for left audio channel
A4
INL-
Negative input signal for left audio channel
B1
AGND
Device ground
B2
C1
Flying capacitor terminal for internal negative supply generator
B3
HPVDD
Buck converter output, power supply for amplifier
B4
INL+
Positive input signal for left audio channel
C1
C2
Flying capacitor terminal for internal negative supply generator
C2
PVSS
Negative supply generator output
C3
CMS
Common mode sense, to be connected as close as possible to the
ground of headphone/line out plug
C4
INR+
Positive input signal for right audio channel
D1
SDA
I²C data signal, up to VCC tolerant input
D2
SCL
I²C clock signal, up to VCC tolerant input
D3
VOUTR
Output signal for right audio channel
D4
INR-
Negative input signal for right audio channel
Rout
12 ohms min.
Rout
12 ohms min.
Cout
0.8 nF min.
Cout
0.8 nF min.
Cin
1 uF
Cin
1 uF
Cin
1 uF
Cin
1 uF
1
2
3
J1
C12
2.2 uF
Cs
2.2 uF
Css
2.2 uF
Ct
10 uF
L1
3.3 uH
Vbat
I²C bus
+
-
I2C
Negative
supply
Positive
supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
Level
detector
Level
detector
Sw
HpVdd
PVss
Negative left input
Positive left input
Negative right input
Positive right input
AM06119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com