Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 15 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 11Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 12Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 13Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 14Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 15Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 16Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 17Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 18Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
TS4621B
Electrical characteristics
Doc ID 022194 Rev 2
15/48
Figure 16.
Current consumption vs. total
output power
Figure 17.
Power dissipation vs. total output
power
0.1
1
1
10
100
Crest Factor=3dB
Crest Factor=10dB
Both channels enabled
RL = 47
Ω, F = 1KHz
Ta = 25
°C, Vcc = 3.6V
Total Output Power (mW)
0.1
1
10
1
10
100
R = 47
Ω
R = 32
Ω
R = 16
Ω
Both channels enabled
F = 1KHz,
Ta = 25
°C
Crest Factor = 3dB
Total Output Power (mW)
Figure 18.
Output impedance vs. frequency in
HiZ mode
Figure 19.
Differential input impedance vs.
gain
Input Floating
Input grounded
Vcc=2.3V to 4.8V
HIz; Right & Left
Osc level=0.5V
RMS
Ta = 25
°C
-60 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5
0
30
40
50
60
70
80
Vcc=2.3V to 4.8V
Ta = 25
°C
Gain (dB)
Figure 20.
THD+N vs. output power
RL = 16
Ω, in-phase, VCC = 2.5 V
Figure 21.
THD+N vs. output power
RL = 16
Ω, out-of-phase, VCC = 2.5 V
F=80Hz
F=1kHz
F=8kHz
Vcc = 2.5V, RL = 16
Ω
G = 4dB, Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
F=80Hz
F=1kHz
F=8kHz
Vcc = 2.5V, RL = 16
Ω
G = 4dB, Inputs = 180
°
BW < 30kHz, Tamb = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com