Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 35 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 31Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 32Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 33Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 34Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 35Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 36Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 37Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 38Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
TS4621B
Application information
Doc ID 022194 Rev 2
35/48
Therefore, in most cases, Rin should be set to 4 dB to calculate the minimum input capacitor
Cin.
Example:
At maximum gain G = 4 dB, Rindiff/2 = k
Ω/2 = 17 kΩ. However, to take into consideration
the worst case, one has to use Rindiff/2 = 25 k
Ω/2 = 12.5 kΩ.
In this case and for a -3 dB cutoff frequency of 20 Hz, Cin = 0.64 µF. The closest normalized
value is 0.68 µF but a 1 µF capacitor is more suitable to take into consideration the capacitor
tolerance +/-20 %.
If the aim is to have the 20 Hz at -1 dB, the capacitor has to be multiplied by 1.96. As such,
Cin = 0.64 x 1.96 = 1.25 µF. The closest normalized value would be 1.5 µF or 2.2 µF.
4.4.6
Low-pass output filter (Rout and Cout) and IEC 61000-4-2 ESD
protection
The TS4621B is designed to operate with a passive first-order low-pass filter (as shown in
Figure 1.). This low-pass filter is mandatory to ensure correct operation of the TS4621B over
the volume range and output capacitance range vs. load.
Rout must have a value of 12
Ω minimum and Cout a value of 0.8 nF minimum up to 100 nF
maximum. Values of 12
Ω and 1 nF are a good starting point for a design to be able to drive
a classic headphone (16
Ω, 32 Ω, 60 Ω) and the line-in of any Hi-fi system or sound card.
The cutoff frequency of this filter (12
Ω and 1 nF) is approximately 13 MHz and clearly
above the audio band.
However, this output RC filter is also a part of the IEC 61000-4-2 ESD protection. In most
cases, this RC filter is designed with transient absorbers and the final solution can be a
discrete solution or an integrated solution. ST Microelectronics’ portfolio has many
integrated solutions for ESD, but one dedicated to headphone amplifiers in particular:
IPAD(a) reference EMIF02-AV01F3.
To fit the IEC 61000-4-2 standard, this audio line IPAD can be added to the output of the
TS4621B as shown in Figure 78.
a.
Copyright STMicroelectronics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com