Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 14 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 10Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 11Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 12Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 13Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 14Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 15Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 16Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 17Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Electrical characteristics
TS4621B
14/48
Doc ID 022194 Rev 2
Figure 10.
Maximum output power vs. power
supply voltage, RL = 47
Ω
Figure 11.
Maximum output voltage vs. power
supply voltage, in-phase
2.3
2.7
3.1
3.5
3.9
4.3
4.7
0
20
40
60
THD+N=10% (180
°)
THD+N=10% (0
°)
THD+N=1% (0
°)
RL = 47
Ω, F = 1kHz
BW < 30kHz, Tamb = 25
°C
THD+N=1% (180
°)
Power Supply Voltage Vcc (V)
2.3
2.7
3.1
3.5
3.9
4.3
4.7
700
800
900
1000
1100
1200
1300
1400
1500
1600
10 K
Ω
600
Ω
60
Ω
47
Ω
16
Ω
F = 1kHz
BW < 30kHz, Tamb = 25
°C
Inputs = 0
°, THD+N = 1%
32
Ω
Power Supply Voltage Vcc (V)
Figure 12.
Maximum output voltage vs. power
supply voltage, out-of-phase
Figure 13.
Current consumption vs. total
output power, RL = 16
Ω
2.3
2.7
3.1
3.5
3.9
4.3
4.7
700
800
900
1000
1100
1200
1300
1400
1500
1600
10 K
Ω
600
Ω
60
Ω
47
Ω
16
Ω
F = 1kHz
BW < 30kHz, Tamb = 25
°C
Inputs = 180
°, THD+N=1%
32
Ω
Power Supply Voltage Vcc (V)
0.1
1
10
1
10
100
Vcc=4.8V
Vcc=3.6V
Vcc=2.3V
Both channels enabled
RL = 16
Ω, F = 1KHz
Ta = 25
°C
Crest Factor = 3dB
Total Output Power (mW)
Figure 14.
Current consumption vs. total
output power, RL = 32
Ω
Figure 15.
Current consumption vs. total
output power, RL = 47
Ω
0.1
1
10
1
10
100
Vcc=4.8V
Vcc=3.6V
Vcc=2.3V
Both channels enabled
RL = 32
Ω, F = 1KHz
Ta = 25
°C
Crest Factor = 3dB
Total Output Power (mW)
0.1
1
10
1
10
100
Vcc=4.8V
Vcc=3.6V
Vcc=2.3V
Both channels enabled
RL = 47
Ω, F = 1 KHz
Ta = 25
°C
Crest Factor = 3dB
Total Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com