Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 28 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 24Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 25Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 26Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 27Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 28Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 29Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 30Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 31Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Application information
TS4621B
28/48
Doc ID 022194 Rev 2
If a short-circuit is detected three consecutive times on one channel, a flag is raised in the
I²C read register CR1.
●
SC_L: equals 0 during normal operation, equals 1 when a short-circuit is detected on
the left channel.
●
SC_R: equals 0 during normal operation, equals 1 when a short-circuit is detected on
the right channel.
The corresponding channel’s output stage is then set to high impedance mode. An I²C read
command allows the reading of the SC_L and SC_R flags but does not reset them. An I²C
write command has to be sent to CR1 to reset the flags to 0 and restore normal operation.
Thermal shutdown protection: bit T_SH
A thermal shutdown protection is implemented to protect the device from overheating. If the
temperature rises above the thermal junction of 150°C, the device is put into standby mode
and a flag is raised in the read register CR1.
●
T_SH: equals 0 during normal operation, equals 1 when a thermal shutdown is
detected.
When the temperature decreases to safe levels, the circuit switches back to normal
operation and the corresponding flag is cleared.
Software shutdown: bit SWS
When SWS equals 1, the device is set to I²C software shutdown. When SWS equals 0, the
negative supply and buck converters are activated.
Channel activation: bits HP_EN_L and HP_EN_R
When HP_EN_L or HP_EN_R equals 1, the corresponding amplifier channel is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com