Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 9 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 5Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 6Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 7Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 8Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 9Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 10Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 11Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 12Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TS4621B
Typical application schematics
Doc ID 022194 Rev 2
9/48
Table 4.
TS4621B component description(1)
Component
Value
Description
Cs
2.2 µF
Decoupling capacitors for VCC. A 2.2 µF capacitor is sufficient for proper
decoupling of the TS4621B. An X5R dielectric and 10 V rating voltage is
recommended to minimize
ΔC/ΔV when VCC =4.8 V.
Must be placed as close as possible to the TS4621B to minimize parasitic
inductance and resistance.
C12
2.2 µF
Capacitor for internal negative power supply operation. An X5R dielectric
and 6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Must be placed as close as possible to the TS4621B to minimize parasitic
inductance and resistance.
CSS
2.2 µF
Filtering capacitor for internal negative power supply. An X5R dielectric and
6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V.
Cin
Input coupling capacitor that forms with Rin
≈ Rindiff/2 a first-order high-
pass filter with a -3 dB cutoff frequency Fc. For example, at maximum gain
G=4dB, Rin =12.5k
Ω, Cin = 1 µF, therefore Fc = 13 Hz.
Cout
0.8 to 100 nF
Output capacitor of 0.8 nF minimum to 100 nF maximum. This capacitor is
mandatory for operation of the TS4621B.
Rout
12
Ω min.
Output resistor in-series with the TS4621B output. This 12
Ω minimum
resistor is mandatory for operation of the TS4621B.
L1
3.3 µH
Inductor for internal DC/DC step-down converter.
References of inductors: refer to Section 4.4.1 for more information.
Ct
10 µF
Tank capacitor for internal DC/DC step-down converter. An X5R dielectric
and 6.3 V rating voltage is recommended to minimize
ΔC/ΔV when
HPVDD = 1.9 V. Refer to Section 4.4.2 for more information.
1.
Refer to Section 4.4 for a complete description of each component.
Cin
1
2
π Rin Fc
×
×
×
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com