Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 42 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 38Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 39Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 40Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 41Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 42Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 43Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 44Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 45Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Application information
TS4621B
42/48
Doc ID 022194 Rev 2
4.8
Demonstration board
A demonstration board is available at www.st.com with the order code STEVAL-CCA025V1.
The following figures show the demonstration board schematics and associated PCB
layouts.
Figure 84.
Demonstration board schematic
3
4
14
13
U2B
KP1040
5
6
12
11
U2C
KP1040
1
2
16
15
U2A
KP1040
1
6
2
7
3
8
4
9
5
J2
DB9
GND2
GND2
Vcc
Gnd
Gnd
Gnd
GND2
GND
RTS
DSR
TXD
DTR
R3
1K
R9
1K
R6
10K
R7
10K
R8
2k2
D1
1N4148
D2
1N4148
R5
100
Gnd
R2
12
R1
12
C9
2.2 nF
C10
2.2 nF
Gnd
Gnd
Cn5
C4
2.2 µF
C5
2.2
µF
C7
2.2 µF
C6
2.2 µF
Gnd
Gnd
VccI2C
Gnd
Cn4
1
2
3
J1
Gnd
VccI2C
Cn2
Left Input
Cn9
Right input
Cn6
SCL
Cn7
SDA
Cn1
Power
Cn3
Left output
Right output
SDA
SCL
SCL
SDA
R4
180
RS-232 to I2C converter
TS4621B main application
C3
2.2 µF
C1
2.2
µF
C2
2.2 µF
C8
10
µF
L1
3.3 uH
Gnd
Gnd
Gnd
Gnd
HPVdd
Vcc
Gnd
Gnd
Q1
Gnd
Q2
Gnd
Q3
Cn8
VccI2C
+
-
I2C
Negative
supply
Positive
supply
AGnd
C1
C2
SDA
SCL
AVdd
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
A4
B4
B1
A3
B3
C2
B2
C1
D4
C4
C3
A2
A1
D1
D2
D3
Level
detector
Level
detector
Sw
HpVdd
PVss
U1
TS4621B
AM06156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com