Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM2MPN2R2G0L Datasheet(PDF) 10 Page - STMicroelectronics

Part # LQM2MPN2R2G0L
Description  High-performance class-G stereo headphone amplifier with I2C volume control
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQM2MPN2R2G0L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LQM2MPN2R2G0L Datasheet HTML 6Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 7Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 8Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 9Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 10Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 11Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 12Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 13Page - STMicroelectronics LQM2MPN2R2G0L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical characteristics
TS4621B
10/48
Doc ID 022194 Rev 2
3
Electrical characteristics
Table 5.
Electrical characteristics of the I²C interface
for VCC = +3.6 V, AGND = 0 V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low level input voltage on SDA, SCL pins
0.6
V
VIH
High level input voltage on SDA, SCL pins
1.2
V
VOL
Low level output voltage, SDA pin, Isink = 3mA
0.4
V
Iin
Input current on SDA, SCL
10
µA
V
SDA SCL
,
600k
Ω
---------------------------------
Table 6.
Electrical characteristics of the amplifier
for VCC = +3.6 V, AGND = 0 V, RL= 32 Ω + 15 Ω, Tamb = 25° C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Quiescent supply current, no input signal, both channels
enabled
1.2
1.5
mA
Is
Supply current, with input modulation, both channels enabled,
HPVDD = 1.2 V, output power per channel, F=1kHz
Pout = 100 µW at 3 dB crest factor
Pout = 500 µW at 3 dB crest factor
Pout = 1mW at 3dB crest factor
Pout = 100 µW at 10 dB crest factor
Pout = 500 µW at 10 dB crest factor
Pout = 1 mW at 10 dB crest factor
2.3
3.7
4.7
2.1
3.1
3.9
3.5
5
6.5
mA
ISTBY
Standby current, no input signal, I²C CR1 = 01h
VSDA = 0 V, VSCL = 0 V
0.6
5
µA
Vin
Input differential voltage range(1)
1Vrms
Voo
Output offset voltage
No input signal
-500
+500
µV
Vout
Maximum output voltage, in-phase signals
RL = 16 Ω, THD+N = 1% max, f = 1 kHz
RL = 47 Ω, THD+N = 1% max, f = 1 kHz
RL = 10 kΩ, Rs = 15 Ω, CL = 1 nF, THD+N = 1% max,
f = 1 kHz
0.6
1.0
1.0
0.8
1.1
1.3
Vrms
THD+N
Total harmonic distortion + noise, G = 0 dB
Vout = 700 mVrms, F = 1 kHz
Vout = 700 mVrms, 20 Hz < F < 20 kHz
0.006
0.05
0.02
%
PSRR
Power supply rejection ratio(1), Vripple = 200 mVpp, grounded
inputs
F = 217 Hz, G = 0 dB, RL ≥16 Ω
F = 10 kHz, G = 0 dB, RL ≥16 Ω
90
100
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com