Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 35Page - Renesas Technology Corp S128 Datasheet HTML 36Page - Renesas Technology Corp S128 Datasheet HTML 37Page - Renesas Technology Corp S128 Datasheet HTML 38Page - Renesas Technology Corp S128 Datasheet HTML 39Page - Renesas Technology Corp S128 Datasheet HTML 40Page - Renesas Technology Corp S128 Datasheet HTML 41Page - Renesas Technology Corp S128 Datasheet HTML 42Page - Renesas Technology Corp S128 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 39 of 107
Mar 10, 2017
S128
2. Electrical Characteristics
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when
internal pull-up MOSs are in the off state.
Note 2. The clock source is HOCO.
Note 3. The clock source is MOCO.
Note 4. The clock source is the sub-clock oscillator.
Note 5. This does not include BGO operation.
Note 6. This is the increase for programming or erasure of the ROM or flash memory for data storage during program
execution.
Note 7. PCLKB and PCLKD are set to divided by 64.
Note 8. PCLKB and PCLKD are the same frequency as that of ICLK.
Note 9. VCC = 3.3 V.
Note 10. MOCO and DAC is stopped.
Supply
current*1
Low-voltage
mode*3
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash*5
ICLK = 4 MHz
ICC
1.5
-
mA
*7
All peripheral clock
disabled, CoreMark code
executing from flash*5
ICLK = 4 MHz
1.4
-
All peripheral clock
enabled, while (1) code
executing from flash*5
ICLK = 4 MHz
2.3
-
*8
All peripheral clock
enabled, code executing
from flash*5
ICLK = 4 MHz
-
4.0
Sleep mode
All peripheral clock
disabled*5
ICLK = 4 MHz
0.9
-
*7
All peripheral clock
enabled*5
ICLK = 4 MHz
1.7
-
*8
Subosc-
speed
mode*4
Normal mode
All peripheral clock
disabled, while (1) code
executing from flash*5
ICLK = 32.768 kHz
ICC
5.9
-
μA*7
All peripheral clock
enabled, while (1) code
executing from flash*5
ICLK = 32.768 kHz
13.0
-
*8
All peripheral clock
enabled, code executing
from flash*5
ICLK = 32.768 kHz
128.3
(17.8)*10
163.7
Sleep mode
All peripheral clock
disabled*5
ICLK = 32.768 kHz
3.2
-
*7
All peripheral clock
enabled*5
ICLK = 32.768 kHz
10.0
-
*8
Table 2.11
Operating and standby current (1) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Typ*9
Max
Unit
Test
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com