Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 55Page - Renesas Technology Corp S128 Datasheet HTML 56Page - Renesas Technology Corp S128 Datasheet HTML 57Page - Renesas Technology Corp S128 Datasheet HTML 58Page - Renesas Technology Corp S128 Datasheet HTML 59Page - Renesas Technology Corp S128 Datasheet HTML 60Page - Renesas Technology Corp S128 Datasheet HTML 61Page - Renesas Technology Corp S128 Datasheet HTML 62Page - Renesas Technology Corp S128 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 59 of 107
Mar 10, 2017
S128
2. Electrical Characteristics
Figure 2.37
GPT input capture timing
Figure 2.38
AGT I/O timing
Figure 2.39
ADC14 trigger input timing
Figure 2.40
Key interrupt input timing
2.3.7
PWM Delay Generation Circuit Timing
Table 2.31
PWM delay generation circuit timing
Conditions: VCC = AVCC0 = 2.7 to 5.5 V 32 MHz ≤ PCLKD ≤ 64 MHz
Parameter
Min
Typ
Max
Unit
Test conditions
Resolution
PCLKD = 64 MHz, DLL Mode = 5-bit mode
-
488
-
ps
-
PCLKD = 64 MHz, DLL Mode = 4-bit mode
-
976
-
ps
-
PCLKD = 32 MHz, DLL Mode = 5-bit mode
-
976
-
ps
-
DNL*1, *2
-5
-LSB
-
Input capture
tGTICW
tACYC2
AGTIO, AGTEE
(input)
tACYC
tACKWL
tACKWH
AGTIO, AGTO,
AGTOA, AGTOB
(output)
ADTRG0
tTRGW
KR00 to KR07
tKR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com