Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 7Page - Renesas Technology Corp S128 Datasheet HTML 8Page - Renesas Technology Corp S128 Datasheet HTML 9Page - Renesas Technology Corp S128 Datasheet HTML 10Page - Renesas Technology Corp S128 Datasheet HTML 11Page - Renesas Technology Corp S128 Datasheet HTML 12Page - Renesas Technology Corp S128 Datasheet HTML 13Page - Renesas Technology Corp S128 Datasheet HTML 14Page - Renesas Technology Corp S128 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 11 of 107
Mar 10, 2017
S128
1. Overview
Figure 1.2
Part numbering scheme
1.4
Function Comparison
Table 1.12
Product list
Product part number
Orderable part number
Package code
Code flash
Data flash
SRAM
Operating
temperature
R7FS128783A01CFM
R7FS128783A01CFM#AA0
PLQP0064KB-C
256 KB
4 KB
24 KB
–40 to +105°C
R7FS128783A01CFL
R7FS128783A01CFL#AA0
PLQP0048KB-B
–40 to +105°C
R7FS128783A01CNE
R7FS128783A01CNE#AC0
PWQN0048KB-A
–40 to +105°C
R7FS128782A01CLM
R7FS128782A01CLM#AC0
PWLG0036KA-A
–40 to +85°C
R7FS128783A01CFJ
R7FS128783A01CFJ#AA0
PLQP0032GB-A
–40 to +105°C
R7FS128783A01CNG
R7FS128783A01CNG#AC0
PWQN0032KB-A
–40 to +105°C
Table 1.13
Function comparison (1 of 2)
Parts number
R7FS128783A01CFM
R7FS128783A01CFL
R7FS128783A01CNE
R7FS128782A01CLM
R7FS128783A01CFJ
R7FS128783A01CNG
Pin count
64
48
36
32
Package
LQFP
LQFP/QFN
LGA
LQFP/QFN
Code flash memory
256 KB
8 3 A 0 1 C F M # A A 0
Package type
FM: LQFP 64 pins
FL: LQFP 48 pins
FJ: LQFP 32 pins
LM: LGA 36 pins
NE: QFN 48 pins
NG: QFN 32 pins
Quality ID
Software ID
Operating temperature
2: -40° C to 85° C
3: -40° C to 105° C
Code flash memory size
8: 256 KB
Feature set
7: Superset
Group name
8: S128
Core
2: ARM® Cortex®-M0+
Series name
1: Ultra low power
Renesas Synergy™ family
Flash memory
Renesas microcontroller
Renesas
Product identification code
Packing, terminal material (Pb-free)
#AA: Tray/Sn (Tin) only
#AC: Tray/others
R 7 F S 1 2 8 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com