Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 9Page - Renesas Technology Corp S128 Datasheet HTML 10Page - Renesas Technology Corp S128 Datasheet HTML 11Page - Renesas Technology Corp S128 Datasheet HTML 12Page - Renesas Technology Corp S128 Datasheet HTML 13Page - Renesas Technology Corp S128 Datasheet HTML 14Page - Renesas Technology Corp S128 Datasheet HTML 15Page - Renesas Technology Corp S128 Datasheet HTML 16Page - Renesas Technology Corp S128 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 13 of 107
Mar 10, 2017
S128
1. Overview
1.5
Pin Functions
Table 1.14
Pin functions (1 of 3)
Function
Signal
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply. Connect this pin
to VSS by a 0.1-μF capacitor. The capacitor should be placed close to the
pin.
VCL
I/O
Connect this pin to the VSS pin by the smoothing capacitor used to stabilize
the internal power supply. Place the capacitor close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be input through
the EXTAL pin.
EXTAL
Input
XCIN
Input
Input/output pins for the sub-clock oscillator. Connect a crystal resonator
between XCOUT and XCIN.
XCOUT
Output
CLKOUT
Output
Clock output pin
Operating mode control
MD
Input
Pins for setting the operating mode. The signal levels on these pins must
not be changed during operation mode transition at the time of release from
the reset state.
System control
RES
Input
Reset signal input pin. The MCU enters the reset state when this signal
goes low.
CAC
CACREF
Input
Measurement reference clock input pin
On-chip debug
SWDIO
I/O
Serial wire debug data input/output pin
SWCLK
Input
Serial wire clock pin
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ7
Input
Maskable interrupt request pins
GPT
GTETRGA,
GTETRGB
Input
External trigger input pin
GTIOC0A to
GTIOC6A,
GTIOC0B to
GTIOC6B
I/O
Input capture, output compare, or PWM output pin
GTIU
Input
Hall sensor input pin U
GTIV
Input
Hall sensor input pin V
GTIW
Input
Hall sensor input pin W
GTOUUP
Output
3-phase PWM output for BLDC motor control (positive U phase)
GTOULO
Output
3-phase PWM output for BLDC motor control (negative U phase)
GTOVUP
Output
3-phase PWM output for BLDC motor control (positive V phase)
GTOVLO
Output
3-phase PWM output for BLDC motor control (negative V phase)
GTOWUP
Output
3-phase PWM output for BLDC motor control (positive W phase)
GTOWLO
Output
3-phase PWM output for BLDC motor control (negative W phase)
AGT
AGTEE0, AGTEE1 Input
External event input enable
AGTIO0, AGTIO1
I/O
External event input and pulse output
AGTO0, AGTO1
Output
Pulse output
AGTOA0,
AGTOA1
Output
Output compare match A output
AGTOB0,
AGTOB1
Output
Output compare match B output
RTC
RTCOUT
Output
Output pin for 1-Hz/64-Hz clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com