Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 6Page - Renesas Technology Corp S128 Datasheet HTML 7Page - Renesas Technology Corp S128 Datasheet HTML 8Page - Renesas Technology Corp S128 Datasheet HTML 9Page - Renesas Technology Corp S128 Datasheet HTML 10Page - Renesas Technology Corp S128 Datasheet HTML 11Page - Renesas Technology Corp S128 Datasheet HTML 12Page - Renesas Technology Corp S128 Datasheet HTML 13Page - Renesas Technology Corp S128 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 10 of 107
Mar 10, 2017
S128
1. Overview
1.2
Block Diagram
Figure 1.1 shows a block diagram of the MCU superset. Some individual devices within the group may have a subset of
the features.
Figure 1.1
Block diagram
1.3
Part Numbering
Figure 1.2 shows the product part number information, including memory capacity, and package type. Table 1.12 shows
a product list.
Memories
256 KB Code Flash
4 KB Data Flash
24 KB SRAM
DMA
System
Mode Control
Power Control
ICU
MOSC/SOSC
Clocks
(H/M/L) OCO
GPT32 × 1
GPT16H × 3
GPT16 × 3
Timers
AGT × 2
RTC
CTSU
KINT
ARM Cortex-M0+
NVIC
System Timer
Test and DBG I/F
DTC
WDT/IWDT
CAC
POR/LVD
Reset
Human Machine Interfaces
ELC
Event Link
AES + TRNG
Security
Analogs
CRC
Data Processing
DOC
Communication Interfaces
IIC × 2
SPI × 2
CAN × 1
USBFS
with Battery
Charging
version1.2
SCI × 3
TSN
DAC8 × 3
ACMPHS × 3
ACMPLP × 2
ADC14
MPU
DALI
OPAMP × 4
Bus
MPU
Register Write
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com