Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 42Page - Renesas Technology Corp S128 Datasheet HTML 43Page - Renesas Technology Corp S128 Datasheet HTML 44Page - Renesas Technology Corp S128 Datasheet HTML 45Page - Renesas Technology Corp S128 Datasheet HTML 46Page - Renesas Technology Corp S128 Datasheet HTML 47Page - Renesas Technology Corp S128 Datasheet HTML 48Page - Renesas Technology Corp S128 Datasheet HTML 49Page - Renesas Technology Corp S128 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 46 of 107
Mar 10, 2017
S128
2. Electrical Characteristics
Figure 2.23
Temperature dependency of RTC operation (reference data)
Table 2.13
Operating and standby current (3)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol Min
Typ
Max
Unit
Test
conditions
Analog power
supply current
During A/D conversion (at high-speed conversion)
IAVCC
--
3.0
mA
-
During A/D conversion (at low-power conversion)
-
-
1.0
mA
-
During D/A conversion *1 (per channel)
-
-
1.6
mA
-
Waiting for A/D and D/A conversion (all units)*5
--
1.0
μA-
Reference
power supply
current
During A/D conversion
IREFH0
-
-
150
μA-
Waiting for A/D conversion (all units)
-
-
60
nA
-
Temperature sensor
ITNS
-75
-
μA-
Low-power
analog
comparator
(ACMPLP)
operating
current
Window comparator (high-speed mode)
ICMPLP
-15
-
μA-
Window comparator (low-speed mode)
-
3
-
μA-
Comparator (high-speed mode)
-
10
-
μA-
Comparator (low-speed mode)
-
2
-
μA-
High-speed analog comparator (ACMPHS) operating current
ICMPHS
-
70
100
μA
AVCC0
2.7V
Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the
actual measurements of the sample cores during product evaluation.
Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the
actual measurements for the upper-limit samples during product evaluation.
Note 3. MOCO and DAC are stopped.
Low drive ca pacity *1
N o rm al drive ca pa city *1
Ta (
C)
Low  driv e capacity *1
Norm al driv e capacity *1
0
1
10
-4 0
-2 0
0
204060
80
10 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com