Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 87Page - Renesas Technology Corp S128 Datasheet HTML 88Page - Renesas Technology Corp S128 Datasheet HTML 89Page - Renesas Technology Corp S128 Datasheet HTML 90Page - Renesas Technology Corp S128 Datasheet HTML 91Page - Renesas Technology Corp S128 Datasheet HTML 92Page - Renesas Technology Corp S128 Datasheet HTML 93Page - Renesas Technology Corp S128 Datasheet HTML 94Page - Renesas Technology Corp S128 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 91 of 107
Mar 10, 2017
S128
2. Electrical Characteristics
2.11
Comparator Characteristics
Note 1. Period from when the comparator input channel is switched until the switched result reflects in its output.
Note 2. Period from when comparator operation is enabled (CPMCTL.HCMPON = 1) until the comparator satisfies the
DC/AC characteristics.
Note 1. In window mode, be sure to satisfy the following condition: Vref1 - Vref0
 0.2 V.
2.12
OPAMP Characteristics
Table 2.56
ACMPHS characteristics
Conditions: VCC = AVCC0 = 2.7 to 5.5 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input offset voltage
VIOCMP
-±5
±40
mV
-
Input voltage range
VICPM
0
-
AVCC0
V
-
Output delay time
Td
-
50
100
ns
Input amplitude ±100 mV
Stabilization wait time during input
channel switching*1
TWAIT
300
-
-
ns
Input amplitude ±100 mV
Operation stabilization wait time*2
Tcmp
1-
-
μs
3.3 V ≤ AVCC0 ≤ 5.5 V
3-
-
μs
2.7 V ≤ AVCC0
3.3 V
Table 2.57
ACMPLP characteristics
Conditions: VCC = AVCC0 = 1.8 to 5.5 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input voltage range
IVREF0
VREF
0-
VCC – 1.4*1
V-
IVREF1 (Standard mode)
0
-
VCC – 1.4
V
IVREF1 (Window mode)
1.4*1
-VCC
V
IVCMP0, IVCMP1
VI
0-
VCC
V
Internal reference voltage
-
1.36
1.44
1.50
V
-
Output delay
Comparator high-speed mode
(Standard mode)
Td
-
-1.2
μs
VCC = 3.0
Slew rate of input
signal > 50 mV/μs
Comparator high-speed mode
(Window mode)
2.0
μs
Comparator low-speed mode
(Standard mode)
5.0
μs
Offset voltage
Comparator high-speed mode
(Standard mode)
-
--50
mV
-
Comparator high-speed mode
(Window mode)
60
mV
Comparator low-speed mode
(Standard mode)
40
mV
Operation stabilization wait time
Tcmp
100
-
-
μs-
Table 2.58
OPAMP characteristics (1 of 2)
Conditions: 1.8 V ≤ AVCC0 = VCC ≤ 5.5 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Common mode input range
Vicm1
Low-power mode
0.1
-
AVCC0 – 0.5
V
Vicm2
High-speed mode
0.2
-
AVCC0 – 0.6
Output voltage range
Vo1
Low-power mode
0.1
-
AVCC0 – 0.1
V
Vo2
High-speed mode
0.1
-
AVCC0 – 0.1
Input offset voltage
Vioff1
Low-power mode
–7
-
7
mV
Vioff2
High-speed mode
–5
-
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com