Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S128 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # S128
Description  Microcontroller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S128 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button S128 Datasheet HTML 25Page - Renesas Technology Corp S128 Datasheet HTML 26Page - Renesas Technology Corp S128 Datasheet HTML 27Page - Renesas Technology Corp S128 Datasheet HTML 28Page - Renesas Technology Corp S128 Datasheet HTML 29Page - Renesas Technology Corp S128 Datasheet HTML 30Page - Renesas Technology Corp S128 Datasheet HTML 31Page - Renesas Technology Corp S128 Datasheet HTML 32Page - Renesas Technology Corp S128 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 107 page
background image
R01DS0309EU0100 Rev.1.00
Page 29 of 107
Mar 10, 2017
S128
2. Electrical Characteristics
Note 1. Except for Ports P200, P214, P215, which are input ports.
Table 2.9
I/O VOH, VOL (3)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LDO = 1.6 to 2.7 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
Ports P000 to P004,
P010 to P015,
P500 to P502
Low drive
VOH
AVCC0 –
0.3
--
V
IOH = –0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Middle drive
VOH
AVCC0 –
0.3
--
IOH = –1.0 mA
VOL
--
0.3
IOL = 1.0 mA
Ports P914, P915
VOH
VCC_USB –
0.3
--
IOH = –0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Other output pins*1
Low drive
VOH
VCC – 0.3
-
-
IOH = –0.5 mA
VOL
--
0.3
IOL = 0.5 mA
Middle drive
VOH
VCC – 0.3
-
-
IOH = –1.0 mA
VOL
--
0.3
IOL = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com