Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5N Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 202 page
background image
Rev. 1.00
7�
�ove��e� 1�� �01�
Rev. 1.00
77
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
STMC0 Register
Bit
7
6
5
4
3
2
1
0
�a�e
STPAU
STCK�
STCK1
STCK0
STO�
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
POR
0
0
0
0
0
—
—
—
Bit7
STPAU:STMCounterPauseControl
0:Run
1:Pause
Thecountercanbepausedbysettingthisbithigh.Clearingthebittozerorestores
normalcounteroperation.WheninaPauseconditiontheSTMwillremainpowered
upandcontinuetoconsumepower.Thecounterwillretainitsresidualvaluewhen
thisbitchangesfromlowtohighandresumecountingfromthisvaluewhenthebit
changestoalowvalueagain.
Bit6~4
STCK2~STCK0:SelectSTMCounterclock
000:fSYS/4
001:fSYS
010:fH/16
011:fH/64
100:fTBC
101:fTBC
110:STCKrisingedgeclock
111:STCKfallingedgeclock
ThesethreebitsareusedtoselecttheclocksourcefortheSTM.Theexternalpinclock
sourcecanbechosentobeactiveontherisingorfallingedge.TheclocksourcefSYSis
thesystemclock,whilefHandfTBCareotherinternalclocks,thedetailsofwhichcan
befoundintheoscillatorsection.
Bit3
STON:STMCounterOn/OffControl
0:Off
1:On
Thisbitcontrolstheoverallon/offfunctionoftheSTM.Settingthebithighenables
thecountertorun,clearingthebitdisablestheSTM.Clearingthisbittozerowill
stopthecounterfromcountingandturnofftheSTMwhichwillreduceitspower
consumption.Whenthebitchangesstatefromlowtohightheinternalcountervalue
willberesettozero,howeverwhenthebitchangesfromhightolow,theinternal
counterwillretainitsresidualvalueuntilthebitreturnshighagain.IftheSTMisin
theCompareMatchOutputModeorthePWMoutputModeorSinglePulseOutput
ModethentheSTMoutputpinwillberesettoitsinitialcondition,asspecifiedbythe
STOCbit,whentheSTONbitchangesfromlowtohigh.
Bit2~0
Unimplemented,readas"0"
STMC1 Register
Bit
7
6
5
4
3
2
1
0
�a�e
STM1
STM0
STIO1
STIO0
STOC
STPOL
STDPX
STCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
STM1~ STM0:SelectSTMOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMoutputModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheSTM.Toensurereliableoperation
theSTMshouldbeswitchedoffbeforeanychangesaremadetotheSTM1andSTM0
bits.IntheTimer/CounterMode,theSTMoutputpinstateisundefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com