Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5N Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 202 page
background image
Rev. 1.00
��
�ove��e� 1�� �01�
Rev. 1.00
�3
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Delay Lock Loop Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
IDLL
Ope�ating Cu��ent
3V
DLLE�=1
—
0.9
1.�
�A
5V
DLLE�=1
—
1.5
�
�A
fDLL
Ope�ating F�equency
�.�V~5.5V fHIRC = �MHz
-10%
�
+10% MHz
tDLLS
DLL Sta�le Ti�e
�.�V~5.5V DLLE� f�o� 0 to 1
—
�0
30
μs
LDO Regulator Electrical Characteristics
CLOAD=1μF, Ta = 25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VDD
Condition
VI�
Input Voltage
—
—
�
—
��
V
VOUT
Output Voltage
—
Ta = �5°C�
ILOAD = 1�A� VI� = VOUT + 1V
Typ.-
�%
5
Typ.+
�%
V
—
-40°C ≤ Ta < 85°C�
ILOAD = 1�A� VI� = VOUT + 1V
Typ.-
5%
5
Typ.+
5%
V
ΔVLOAD
Load Regulation (�ote 1)
—
1�A ≤ ILOAD ≤ 30�A
VI� = VOUT + 1V
—
0.09 0.1� %/�A
VDROP
D�opout Voltage (�ote �)
—
ΔVOUT = �%� ILOAD = 1�A
VI� = VOUT + �V
—
—
100
�V
IQ
Quiescent Cu��ent
—
�o load� VI� = 1�V
—
�
4
μA
ΔVLI�E
Line Regulation
—
�V ≤ VI� ≤ ��V� ILOAD = 1�A
—
—
0.�
%/V
TC
Temperature Coefficient
—
-40°C ≤ Ta < 85°C�
VI� = VOUT + 1V� ILOAD = 10�A
—
±0.9
±�
�V/°C
Note:1.Loadregulationismeasuredataconstantjunctiontemperature,usingpulsetestingwithalowONtime
andisguaranteeduptothemaximumpowerdissipation.Powerdissipationisdeterminedbytheinput/
outputdifferentialvoltageandtheoutputcurrent.Guaranteedmaximumpowerdissipationwillnotbe
availableoverthefullinput/outputrange.Themaximumallowablepowerdissipationatanyambient
temperatureisPD=(TJ(MAX)-Ta)/θJA.
2.Dropoutvoltageisdefinedastheinputvoltageminustheoutputvoltagethatproducesa2%changeinthe
outputvoltagefromthevalueatVIN=VOUT+2V.
Level Converter Electrical Characteristics
Ta = �5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
ISOURCE
Output Sou�ce Cu��ent of
AX� BX� CX� DX
—
VCC=1�V� VOH=10.4V
-�0
-90
—
�A
ISI�K
Output Sink Cu��ent of
AX� BX� CX� DX
—
VCC=1�V� VOL=1.�V
�0
90
—
�A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com