| Electronic Components Datasheet Search |
|
HT45F5N Datasheet(PDF) 14 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F5N Datasheet(HTML) 14 Page - Holtek Semiconductor Inc |
|
14 / 202 page ![]() Rev. 1.00 14 �ove��e� 1�� �01� Rev. 1.00 15 �ove��e� 1�� �01� HT45F5N/HT45FH5N Power Bank ASSP Flash MCU HT45F5N/HT45FH5N Power Bank ASSP Flash MCU Pin Name Function OPT I/T O/T Descriptions PC�/OCP1/PTP PC� PCPU PCPS0 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. PTP PCPS0 ST CMOS PTM output o� PTM captu�e input OCP1 PCPS0 A� — OCP1 input PC3/OCP1 PC3 PCPU PCPS0 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. OCP1 PCPS0 A� — OCP1 input PC4/SCL/SCK PC4 PCPU PCPS1 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. SCL PCPS1 PRM ST CMOS I�C clock line SCK PCPS1 PRM ST CMOS SPI se�ial clock PC5/SDA/SCS/ STCK PC5 PCPU PCPS1 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. SDA PCPS1 ST �MOS I�C data line SCS PCPS1 PRM ST CMOS SPI slave select pin STCK PCPS1 ST — STM input PD0/A�0/D0+/ SDA/SCS PD0 PDPU PDPS0 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. A�0 PDPS0 A� — A/D conve�te� exte�nal signal input channel D0+ PDPS0 — A� USB D0+ 0.�V output pin SDA PDPS0 PRM ST �MOS I�C data line SCS PDPS0 PRM ST CMOS SPI slave select pin PD1/A�1/D0-/ SCL/SCK PD1 PDPU PDPS0 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. A�1 PDPS0 A� — A/D conve�te� exte�nal signal input channel D0- PDPS0 A� — USB powe� �ode detection input SCL PDPS0 PRM ST �MOS I�C clock line SCK PDPS0 PRM ST CMOS SPI se�ial clock PD�/A��/D1+ PD� PDPU PDPS0 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. A�� PDPS0 A� — A/D conve�te� exte�nal signal input channel D1+ PDPS0 — A� USB DAC0 output pin PD3/A�3/D1- PD3 PDPU PDPS0 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. A�3 PDPS0 A� — A/D conve�te� exte�nal signal input channel D1- PDPS0 — A� USB DAC1 output pin PD4/A�4/D�+ PD4 PDPU PDPS1 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. A�4 PDPS1 A� — A/D conve�te� exte�nal signal input channel D�+ PDPS1 — A� USB DAC� output pin PD5/A�5/D�- PD5 PDPU PDPS1 ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up. A�5 PDPS1 A� — A/D conve�te� exte�nal signal input channel D�- PDPS1 — A� USB DAC3 output pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |