Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5N Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 202 page
background image
Rev. 1.00
�0
�ove��e� 1�� �01�
Rev. 1.00
�1
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
STMRP Register
Bit
7
6
5
4
3
2
1
0
�a�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:STMCCRP8-bitregister,comparedwiththeSTMCounterbit15~bit8.
ComparatorPMatchPeriod=
0:65536STMclocks
1~255:256×(1~255)STMclocks
TheseeightbitsareusedtosetupthevalueontheinternalCCRP8-bitregister,which
arethencomparedwiththeinternalcounter›shighesteightbits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheSTCCLRbitiscleared
tozero.ClearingtheSTCCLRbittozeroensuresthatacomparematchwiththe
CCRPvalueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwith
thehighesteightcounterbits,thecomparevaluesexistin256clockcyclemultiples.
Clearingalleightbitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
Standard Type TM Operating Modes
TheStandardTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingtheSTM1andSTM0bitsintheSTMC1register.
Compare Output Mode
Toselectthismode,bitsSTM1andSTM0intheSTMC1register,shouldbesetto00respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheSTCCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchfromComparatorP,theotheriswhentheCCRPbitsareallzerowhichallowsthe
countertooverflow.HerebothSTMAFandSTMPFinterruptrequestflagsforComparatorAand
ComparatorPrespectively,willbothbegenerated.
IftheSTCCLRbitintheSTMC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheSTMAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
STCCLRishighnoSTMPFinterruptrequestflagwillbegenerated.IntheCompareMatchOutput
Mode,theCCRAcannotbesetto"0".
Asthenameofthemodesuggests,afteracomparisonismade,theSTMoutputpin,willchange
state.TheSTMoutputpinconditionhoweveronlychangesstatewhenanSTMAFinterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.TheSTMPFinterruptrequest
flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheSTM
outputpin.ThewayinwhichtheSTMoutputpinchangesstatearedeterminedbytheconditionof
theSTIO1andSTIO0bitsintheSTMC1register.TheSTMoutputpincanbeselectedusingthe
STIO1andSTIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacompare
matchoccursfromComparatorA.TheinitialconditionoftheSTMoutputpin,whichissetupafter
theSTONbitchangesfromlowtohigh,issetupusingtheSTOCbit.NotethatiftheSTIO1and
STIO0bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com