Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5N Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 202 page
background image
Rev. 1.00
�
�ove��e� 1�� �01�
Rev. 1.00
9
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
Selection Table
MostfeaturesarecommontoalldevicesandthemainfeaturesdistinguishingthemaretheI/Opin
countandLevelShiftoutputpins.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Timer
Module
H.R.
PWM
A/D
Auto-adjust
PWM Duty
HT45F5�
�.55V~
5.5V
4K×1�
�5��
�4�
30
10-�it PTM×1
1�-�it STM×1
√
1�-�it×14
�
HT45FH5�
��
Part No.
Ref.
Voltage
OCP
OUVP
LDO
Level
Shift
PE+
Q.C
2.0
Stacks
Package
HT45F5�
√
�
�
—
—
—
—
�
3�QF�
��SSOP
HT45FH5�
5V
�
√
√
��SSOP
4�QF�
�ote: H.R. PWM: High Resolution and Co�ple�enta�y PWM Outputs with dead-ti�e cont�ol� the duty
cycle �esolution is 7.�ns when the HIRC is �MHz.
Block Diagram
8-bit
RISC
MCU
Core
I2C
SPI
Timer
Modules
Flash
Program
Memory
EEPROM
Data Memory
Flash/EEPROM
Programming Circuitry
RAM
Data Memory
Time
Base
Low Voltage
Reset
Watchdog Timer
Low Voltage
Detect
Interrupt
Controller
Reset
Circuit
Internal RC
Oscillators
12-bit A/D
Converter
Over Current Protection × 2
Over/Under
Voltage Protection × 2
USB Detector
High Resolution
PWM with dead
time control
DLL
Slew-Rate
control
I/O
Auto-Adjust
PWM
LDO
Level
Shift
SCOM Function for LCD
For HT45FH5N only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com