Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5N Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT45F5N
Description  Power Bank ASSP Flash MCU
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5N Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT45F5N Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5N Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 202 page
background image
Rev. 1.00
1�
�ove��e� 1�� �01�
Rev. 1.00
17
�ove��e� 1�� �01�
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
HT45F5N/HT45FH5N
Power Bank ASSP Flash MCU
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage (HIRC)
—
fSYS=fHIRC=�MHz
VLVR
—
5.5
V
fSYS=fHIRC/�=4MHz
VLVR
—
5.5
V
fSYS=fHIRC/4=�MHz
VLVR
—
5.5
V
fSYS=fHIRC/�=1MHz
VLVR
—
5.5
V
Ope�ating Voltage (LIRC)
— fSYS=fLIRC=3�kHz
VLVR
—
5.5
V
IDD
Ope�ating Cu��ent (HIRC)
3V �o load� all pe�iphe�als off�
fSYS=fHIRC/�=4MHz
—
0.4
0.�
�A
5V
—
0.�
1.5
�A
3V �o load� all pe�iphe�als off�
fSYS=fHIRC=�MHz
—
0.�
1.�
�A
5V
—
1.�
�.4
�A
Ope�ating Cu��ent (LIRC)
3V �o load� all pe�iphe�als off�
fSYS=fLIRC=3�kHz
—
10
�0
μA
5V
—
30
50
μA
ISTB
Stand�y Cu��ent
(SLEEP Mode)
3V �o load� all pe�iphe�als off�
WDT on
—
1.5
3
μA
5V
—
3
5
μA
Stand�y Cu��ent
(IDLE0 Mode)
3V �o load� all pe�iphe�als off�
fSUB on
—
3
5
μA
5V
—
5
10
μA
Stand�y Cu��ent
(IDLE1 Mode� HIRC)
3V �o load� all pe�iphe�als off�
fSUB on� fSYS=fHIRC/�=4MHz
—
3�0
500
μA
5V
—
700
900
μA
3V �o load� all pe�iphe�als off�
fSUB on� fSYS=fHIRC=�MHz
—
3�0
500
μA
5V
—
700
1000
μA
VIL
Input Low Voltage fo� I/O
Po�ts o� Input Pins
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
V
VIH
Input High Voltage fo� I/O
Po�ts o� Input Pins
5V
—
3.5
—
5
V
—
—
0.�VDD
—
VDD
V
IOL
I/O Po�ts Sink Cu��ent
(Except PB0 ~PB3)
3V
VOL=0.1VDD
��.�
45.�
—
�A
5V
37.5
75
—
�A
IOH
I/O Po�ts Sou�ce Cu��ent
(Except PB0~PB3)
3V
VOH=0.9VDD
-5.1� -10.�4
—
�A
5V
-1�.� -�5.�
—
�A
RPH
Pull-high Resistance fo� I/O
Po�ts
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com