Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F56 Datasheet(PDF) 46 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 42Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Rev. 1.11
46
April 11, 2017
Rev. 1.11
47
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Register
Reset
(Power On)
RES Reset
(Normal Operation)
LVR Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE or SLEEP)*
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
1000 0000
1000 0000
1000 0000
1000 0000
1uuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
1000 0000
1000 0000
1000 0000
1000 0000
1uuu uuuu
BP
---- ---0
---- ---0
---- ---0
---- ---0
---- ---0
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--uu uuuu
--uu uuuu
--1u uuuu
--1 1 uuuu
SMOD
000- 0011
000- 0011
000- 0011
000- 0011
uuu- uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
PA
111 - - 111
111 - - 111
111 - - 111
111 - - 111
uuu- -uuu
PAC
111 - - 111
111 - - 111
111 - - 111
111 - - 111
uuu- -uuu
PAPU
000- -000
000- -000
000- -000
000- -000
uuu- -uuu
PAWU
000- -000
000- -000
000- -000
000- -000
uuu- -uuu
WDTC
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
TBC
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
uuuu -uuu
SMOD1
0--- 0x-0
0--- uu-u
0--- u1-u
0--- uu-u
u--- uu-u
EEA
---0 0000
---0 0000
---0 0000
---0 0000
---u uuuu
EED
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
RSTC
0101 0101
0101 0101
0101 0101
0101 0101
uuuu uuuu
CTMC0
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
CTMC1
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
CTMDL
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
CTMDH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
CTMAL
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
CTMAH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
EEC
---- 0000
---- 0000
---- 0000
---- 0000
---- uuuu
DACR
0-00 0000
0-00 0000
0-00 0000
0-00 0000
u-uu uuuu
CMPC
x-00 ---1
x-00 ---1
x-00 ---1
x-00 ---1
u-uu ---u
DEBC
---- -000
---- -000
---- -000
---- -000
---- -uuu
MUXC
--00 --00
--00 --00
--00 --00
--00 --00
--uu --uu
PSEL
- - 00 01 1 1
- - 00 01 1 1
- - 00 01 1 1
- - 00 01 1 1
--uu uuuu
OPAC
-1-- --00
-1-- --00
-1-- --00
-1-- --00
-u-- --uu
OPGA
- -- - 1 1 1 1
- -- - 1 1 1 1
- -- - 1 1 1 1
- -- - 1 1 1 1
---- uuuu
Note:“u”standsforunchanged
“x”standsfor“unknown”
“-“standsforunimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com