Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F56 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Rev. 1.11
10
April 11, 2017
Rev. 1.11
11
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
LVR Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
─
LVR enable, voltage select 2.1V - 5% 2.1 + 5%
V
tBGS
VBG Turn on Stable Time
─
No load
─
─
150
μs
tLVR
Minimum Low Voltage Width to Reset
─
─
120 240 625
μs
Comparator Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
─
─
4.5
─
5.5
V
VCM
Common Mode Voltage
─
─
VSS
─
VDD-
1.4
V
VOS
Input Offset Voltage
─
─
-15
─
15
mV
ICMP
Additional Current Consumption
for Comparator Enabled
5V
─
─
100
130
μA
IPD
Power Down Current
─
Comparator disabled
─
─
0.1
μA
tRP
Response Time
5V with 100mV overdrive, CLOAD=3pF
─
─
2
μs
R-2R D/A Converter Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
─
─
4.5
─
5.5
V
IDAC
Additional Current Consumption
for D/A Converter Enabled
5V
─
─
200
250
μA
DNL
Differential Non-Linearity
5V
─
─
─
±0.5
LSB
INL
Integral Non-Linearity
5V
─
─
─
±1
LSB
RO
R-2R Output Resistor
5V
─
─
20
─
kΩ
Shock Sensor Amplifier Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
─
─
4.5
─
5.5
V
VIN
Inpuit Voltage
5V
─
─
─
±300
mV
RS
Sample Rate
5V
─
─
─
12
kHz
AV
DC Gain
5V
─
─
─
1.0
V/mV
fIN
Input Frequency
5V
─
0
─
1.6
kHz
IOPA
Additional Current Consumption
for Amplifier Enabled
5V
─
─
─
500
μA
IPD
Power Down Current
─
Amplifier disabled
─
─
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com