Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F56 Datasheet(PDF) 63 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 63 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 59Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 67Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Rev. 1.11
62
April 11, 2017
Rev. 1.11
63
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Digital to Analog Converter
Thereisa6-bitR-2RDigitaltoAnalogconverterintegratedinthisdevice.Thedigitaldatatobe
convertedisstoredintheDACRregister.TheD/Aconverteroutputcanbeusedasthereference
voltageappliedonthenegativeinputofthecomparator.TheDACENbitisusedtocontroltheD/A
converterfunction.
Register
Name
Bit
7
6
5
4
3
2
1
0
DACR
DACEN
—
DA5
DA4
DA3
DA2
DA1
DA0
OPAC
—
OPAEN
—
—
—
—
CKS1
CKS0
Digital to Analog Converter Registers List
DACR Register
Bit
7
6
5
4
3
2
1
0
Name
DACEN
—
DA5
DA4
DA3
DA2
DA1
DA0
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
—
0
0
0
0
0
0
Bit7
DACEN:D/AconverterEnablecontrol
0:Disable
1:Enable
Bit6
Unimplemented,readas“0”
Bit5~0
DA5~DA0:D/Aconverterdigitaldatabit5~bit0
[
]
64
V
DA0
~
DA5
voltage
output
D/A
DD
×
=
OPAC Register
Bit
7
6
5
4
3
2
1
0
Name
—
OPAEN
—
—
—
—
CKS1
CKS0
R/W
—
R/W
—
—
—
—
R/W
R/W
POR
—
1
—
—
—
—
0
0
Bit7
Unimplemented,readas“0”
Bit6
OPAEN:OperationalAmplifierEnablecontrol
Describedelsewhere.
Bit5~2
Unimplemented,readas“0”
Bit1~0
CKS1~CKS0:D/Aconverterclocksourceselection
00:fLIRC/4
01~11:Reserved,cannotbeused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com