Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F56 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
Rev. 1.11
8
April 11, 2017
Rev. 1.11
9
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal..................................................................................................................................... 80mA
IOHTotal....................................................................................................................................-80mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage (HIRC)
─ fSYS=8MHz
VLVR
─
5.5
V
IDD
Operating Current (HIRC)
3V fSYS=fH=8MHz
No load, all peripherals off
─
1.1
1.7
μA
5V
─
2.9
4.4
mA
3V fSYS=fH/2
No load, all peripherals off
─
1.1
1.6
mA
5V
─
1.8
3.0
mA
3V fSYS=fH/4
No load, all peripherals off
─
1.0
1.6
mA
5V
─
1.7
2.8
mA
3V fSYS=fH/8
No load, all peripherals off
─
1.0
1.5
mA
5V
─
1.5
2.5
mA
3V fSYS=fH/16
No load, all peripherals off
─
0.9
1.4
mA
5V
─
1.4
2.2
mA
3V fSYS=fH/32
No load, all peripherals off
─
0.8
1.2
mA
5V
─
1.3
2.0
mA
3V fSYS=fH/64
No load, all peripherals off
─
0.8
1.1
mA
5V
─
1.1
1.7
mA
Operating Current (LIRC)
3V fSYS=fSUB=fLIRC=32kHz
No load, all peripherals off
─
40
60
μA
5V
─
90
135
μA
ISTB
Standby Current (IDLE0 Mode)
3V fSYS off, fSUB on
No load, all peripherals off
─
3
5
μA
5V
─
5
10
μA
Standby Current (IDLE1 Mode)
3V fSYS=fHIRC=8MHz on, fSUB on
No load, all peripherals off
─
0.8
1.6
mA
5V
─
1.0
2.0
mA
Standby Current (SLEEP0 Mode)
3V LIRC off, WDT disable
No load, all peripherals off
─
0.1
1.0
μA
5V
─
0.3
2.0
μA
Standby Current (SLEEP1 Mode)
3V LIRC on, WDT enable
No load, all peripherals off
─
1.3
5.0
μA
5V
─
2.2
10.0
μA
VIL
Input Low Voltage for I/O Ports or
Input Pins except RES pin
5V
─
0
─
1.5
V
─
─
0
─
0.2VDD
V
Input Low Voltage for RES pin
─
─
0
─
0.4VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com