Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F56 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45F56
Description  Shock Detector Flash MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F56 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45F56 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F56 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Rev. 1.11
10
April 11, 2017
Rev. 1.11
11
April 11, 2017
HT45F56
Shock Detector Flash MCU
HT45F56
Shock Detector Flash MCU
Debounce Circuit Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
─
─
4.5
─
5.5
V
tDEB
Debounce Time
5V
DSTAG[2:0]=001B
0.0575 0.125
0.255
ms
DSTAG[2:0]=010B
0.12
0.25
0.505
ms
DSTAG[2:0]=011B
0.245
0.5
1.005
ms
DSTAG[2:0]=100B
0.495
1.0
2.005
ms
DSTAG[2:0]=101B
0.995
2.0
4.005
ms
DSTAG[2:0]=110B
1.995
4.0
8.005
ms
DSTAG[2:0]=111B
1.995
4.0
8.005
ms
Power-on Reset Characteristics
Ta = 25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure Power-on Reset
─
─
─
─
100
mV
RRPOR
VDD Rising Rate to Ensure Power-on Reset
─
─
0.035
─
─
V/ms
tPOR
Minimum Time for VDD Stays at VPOR to
Ensure Power-on Reset
─
─
1
─
─
ms
Ti me
V DD
V PO R
RR PO R
t PO R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com