Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11BLE Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F11BLE
Description  Ultra-low power consumption technology
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11BLE Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F11BLE Datasheet HTML 126Page - Renesas Technology Corp R5F11BLE Datasheet HTML 127Page - Renesas Technology Corp R5F11BLE Datasheet HTML 128Page - Renesas Technology Corp R5F11BLE Datasheet HTML 129Page - Renesas Technology Corp R5F11BLE Datasheet HTML 130Page - Renesas Technology Corp R5F11BLE Datasheet HTML 131Page - Renesas Technology Corp R5F11BLE Datasheet HTML 132Page - Renesas Technology Corp R5F11BLE Datasheet HTML 133Page - Renesas Technology Corp R5F11BLE Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 143 page
background image
RL78/G1F
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105°C)
R01DS0246EJ0110 Rev. 1.10
Page 130 of 140
Aug 12, 2016
3.6.4
Comparator
Note 1.
Time taken until the comparator satisfies the DC/AC characteristics after the comparator operation enable signal is
switched (CMPnEN = 0 → 1).
Note 2.
Enable comparator output (CnOE bit = 1; n = 0 to 1) after enabling operation of the internal reference voltage generator
(by setting the CVREm bit to 1; m = 0 to 1) and waiting for the operation stabilization time to elapse.
3.6.5
PGA
Note 1.
Time required until a state is entered where the DC and AC specifications of the PGA are satisfied after the PGA
operation has been enabled (PGAEN = 1).
(TA = -40 to +105°C, 2.7 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input offset voltage
VIOCMP
±5
±40
mV
Input voltage range
VICMP
0VDD
V
Internal reference
voltage deviation
∆VIREF
CmRVM register value : 7FH to 80H (m = 0, 1)
±2LSB
Other than above
±1LSB
Response Time
tCR, tCF
Input amplitude±100mV
70
150
ns
Operation stabilization
timeNote 1
tCMP
CMPn = 0→1VDD = 3.3 to 5.5 V
1
μs
VDD = 2.7 to 3.3 V
3
μs
Reference voltage
stabilization wait time
tVR
CVRE : 0→1Note 2
20
μs
Operation current
ICMPDD
Separately, it is defined as the operation current of peripheral functions.
(TA = -40 to +105°C, 2.7 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input offset voltage
VIOPGA
±10
mV
Input voltage range
VIPGA
0
0.9
× VDD/
Gain
V
Output voltage range
VIOHPGA
0.93
× VDD
V
VIOLPGA
0.07
× VDD
V
Gain error
x4, x8
±1%
x16
±1.5
%
x32
±2%
Slew rate
SRRPGA Rising
When Vin= 0.1VDD/gain
to 0.9VDD/gain.
10 to 90% of output
voltage amplitude
4.0 V ≤ VDD ≤ 5.5 V
(Other than x32)
3.5
V/μs
4.0 V ≤ VDD ≤ 5.5 V (x32)
3.0
2.7 V ≤ VDD ≤ 4.0V
0.5
SRFPGA
Falling
When Vin= 0.1VDD/gain
to 0.9VDD/gain.
90 to 10% of output
voltage amplitude
4.0 V ≤ VDD ≤ 5.5 V
(Other than x32)
3.5
4.0 V ≤ VDD ≤ 5.5 V (x32)
3.0
2.7 V ≤ VDD ≤ 4.0V
0.5
Reference voltage
stabilization wait time-
Note 1
tPGA
x4, x8
5
μs
x16, x32
10
μs
Operation current
IPGADD
Separately, it is defined as the operation current of peripheral functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com