Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4399 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 2Page - Cirrus Logic CS4399 Datasheet HTML 3Page - Cirrus Logic CS4399 Datasheet HTML 4Page - Cirrus Logic CS4399 Datasheet HTML 5Page - Cirrus Logic CS4399 Datasheet HTML 6Page - Cirrus Logic CS4399 Datasheet HTML 7Page - Cirrus Logic CS4399 Datasheet HTML 8Page - Cirrus Logic CS4399 Datasheet HTML 9Page - Cirrus Logic CS4399 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
6
DS1113F1
CS4399
1.3 Pin Descriptions
1.3 Pin Descriptions
Table 1-1. Pin Descriptions
Pin Name
QFN
Pin #
WLCSP
Ball
Power
Supply
I/O
Pin Description
Internal
Connection
Digital I/O
Driver
Digital I/O
Receiver
ADR
30
C2
VL
I Address Bit (I²C). In I²C Mode, ADR is a chip address pin.
—
—
—
CLKOUT
33
B2
VL
O CLK Output. Single-ended clock output sourced from PLL or
buffered crystal.
Weak
pull-down
CMOS
output
—
SCLK1
34
A2
VL
I/O Serial Audio Input Bit Clock 1. Serial bit clock for audio data on
the SDIN pins.
Weak
pull-down
CMOS
output
Hysteresis
on CMOS
input
LRCK1
38
B3
VL
I/O Serial Audio Input Left/Right Clock. Word-rate clock for the
audio data on the SDIN pins.
Weak
pull-down
CMOS
output
Hysteresis
on CMOS
input
SDIN1
2
A6
VL
I Serial Audio Input Data Port. Audio data serial input pin 1.
Weak
pull-down
—
Hysteresis
on CMOS
input
DSDA/
SDIN2
40
A5
VL
I DSD Data Input A/Serial Data In 2. DSD audio or PCM audio
data serial input pin 2.
Weak
pull-down
—
Hysteresis
on CMOS
input
DSDB/
LRCK2
29
C1
VL
I/O DSD Data Input B/Serial Audio Input Left/Right Clock 2. DSD
audio data serial input pin or word rate clock for the audio data on
the SDIN2 pin.
Weak
pull-down
CMOS
output
Hysteresis
on CMOS
input
DSDCLK/
SCLK2
32
B1
VL
I/O DSD Clock Input/Serial Audio Input Bit Clock 2. DSD clock
input. Serial bit clock for audio data on the SDIN2 pin.
Weak
pull-down
CMOS
output
Hysteresis
on CMOS
input
INT
27
C5
VP
O Interrupt. When pulled up, works as system interrupt pin. Open
drain, active low programmable.
—CMOS
open-drain
output
—
RESET
28
C4
VP
I System Reset. The device enters system reset when enabled.
—
—
Hysteresis
on CMOS
input
SDA
39
B4
VL
I/O Serial Control Data I/O (I²C). In I²C Mode, SDA is the control I/O
data line.
—CMOS
open-drain
output
Hysteresis
on CMOS
input
SCL
1
B5
VL
I Software Clock (I²C). Serial control interface clock used to clock
control data bits into and out of the CS4399.
—
—
Hysteresis
on CMOS
input
XTI/MCLK
37
A4
VL
I Crystal/Oscillator Input/MCLK In. Crystal or digital clock input
for the master clock.
Weak
pull-down
—
Hysteresis
on CMOS
input
XTO
36
A3
VL
O Crystal/Oscillator Output. Crystal output.
Weak
pull-down
CMOS
output
—
FILT+
FILT–
5
6
D4
D5
VA
O Positive/Negative Voltage Reference. Positive/negative
reference voltage for DAC.
——
—
HP_
DETECT
22
F4
VP
I Headphone Detect. Can be configured to be debounced on
unplugged and plugged events before it is presented as a
noninterrupt status bit (HPDETECT).
—Hi-Z
—
AOUTB
AOUTA
16
14
G3
G4
VCP_
FILT±
O Audio Output. Refer to analog specification table for full-scale
output level.
——
—
REFB
REFA
17
13
E3
E4
VCP_
FILT±
I Output Reference. Reference for analog output.
—
—
—
VL
31
A1
N/A
I Logic Power. Input/Output power supply, typically +1.8 V.
—
—
—
VD
4
C6
N/A
I Internal Digital Power. Internal digital power supply, typically
+1.8 V.
——
—
VA
7
D6
N/A
I Analog Power. Power supply for the internal analog section.
—
—
—
VCP
25
D2
N/A
I Charge Pump Supply. Provides charge pump voltage to the
analog output circuit.
——
—
VP
26
D1
N/A
I Battery supply. Provides voltage to the Class H circuit.
—
—
—
Digital I/O
Analog I/O
Power Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com