Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4399 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 78Page - Cirrus Logic CS4399 Datasheet HTML 79Page - Cirrus Logic CS4399 Datasheet HTML 80Page - Cirrus Logic CS4399 Datasheet HTML 81Page - Cirrus Logic CS4399 Datasheet HTML 82Page - Cirrus Logic CS4399 Datasheet HTML 83Page - Cirrus Logic CS4399 Datasheet HTML 84Page - Cirrus Logic CS4399 Datasheet HTML 85Page - Cirrus Logic CS4399 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 111 page
background image
82
DS1113F1
CS4399
7.3 ASP and XSP Registers
2XSP_SCPOL_
IN
XSP SCLK input polarity (pad to logic).
0Normal
1 (Default) Inverted
1
XSP_LCPOL_
OUT
XSP LRCK output drive polarity.
0 (Default) Normal
1Inverted
0
XSP_LCPOL_
IN
XSP LRCK input polarity (pad to logic).
0 (Default) Normal
1Inverted
7.3.21 XSP Frame Configuration
Address 0x40029
R/W
76543210
—
XSP_STP
XSP_5050
XSP_FSD
Default
00001010
Bits
Name
Description
7:5
—
Reserved
4
XSP_STP
XSP start phase. Controls which LRCK/FSYNC phase starts a frame.
0 (Default) The frame begins when LRCK/FSYNC transitions from high to low
1 The frame begins when LRCK/FSYNC transitions from low to high
3
XSP_5050
XSP LRCK fixed 50/50 duty cycle.
0 Programmable duty cycle per XSP_LCHI and XSP_LCPR
1 (Default) Fixed 50% duty cycle
2:0
XSP_FSD
XSP frame start delay (units of XSP_SCLK periods).
000 0 delay
001 0.5 delay
010 (Default) 1.0 delay
...
101 2.5 delay
110–111 Reserved
7.3.22 ASP Channel 1 and 2 Location
Address 0x50000, 0x50001
R/W
76543210
ASP_RX_CH1
ASP_RX_CH2
Default
00000000
Bits
Name
Description
7:0 ASP_RX_CHn ASP Rx channel n location. Sets the location in ASP_SCLK periods of the ASP Rx channel n from the start of the TDM
frame.
0x00 Start on SCLK 0
...
0xFF Start on SCLK 255
Defaults are 0x00.
7.3.23 ASP Channel 1 Size and Enable
Address 0x5000A
R/W
76543210
—
ASP_RX_CH1_
AP
ASP_RX_CH1_
EN
ASP_RX_CH1_RES
Default
00000110
7.3.24 ASP Channel 2 Size and Enable
Address 0x5000B
R/W
76543210
—
ASP_RX_CH2_
AP
ASP_RX_CH2_
EN
ASP_RX_CH2_RES
Default
00001110
Bits
Name
Description
7:4
—
Reserved
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com