Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4399 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 23Page - Cirrus Logic CS4399 Datasheet HTML 24Page - Cirrus Logic CS4399 Datasheet HTML 25Page - Cirrus Logic CS4399 Datasheet HTML 26Page - Cirrus Logic CS4399 Datasheet HTML 27Page - Cirrus Logic CS4399 Datasheet HTML 28Page - Cirrus Logic CS4399 Datasheet HTML 29Page - Cirrus Logic CS4399 Datasheet HTML 30Page - Cirrus Logic CS4399 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 111 page
background image
DS1113F1
27
CS4399
4.4 Headphone Presence Detect
• To avoid possible damage, VCP_FILT± pins must remain within the absolute maximum rating specified.
Figure 4-6. External VCP_FILT Power-Up Sequence
For powering up CS4399 in this mode, the recommended sequence must be followed. This assumes that the CS4399
starts from the status where VCP_FILT± pin are presented with Hi-Z.
1. Set EXT_VCPFILT.
2. Wait 8 ms after I2C ACK.
3. Release and start to ramp external voltage on VCP_FILT± pin.
4. Wait until VCP_FILT+ pin voltage to be greater than +2.6V and VCP_FILT– to be less than –2.6 V.
5. Clear the PDN_HP bit.
Figure 4-7. External VCP_FILT Power-Down Sequence
For powering down in this mode, use the following recommended sequence. This assumes that the CS4399 starts from
the status where VCP_FILT± pin are presented with ±3.0 V, respectively.
1. Execute the power down sequence per Section 5.7.
2. Wait 8 ms after I2C ACK.
3. Start to shut-off external supply to VCP_FILT± pins.
4. Wait until Hi-Z mode is presented on VCP_FILT± pins.
5. Clear EXT_VCPFILT.
4.4 Headphone Presence Detect
The CS4399 provides headphone presence-detect functionality.
EXT_VCPFILT
PDN_HP
VCP_FILT+
VCP_FILT‐
8 ms
+3.0 V
‐3.0 V
+2.6 V
‐2.6 V
Hi‐Z
Hi‐Z
EXT_VCPFILT
PDN_HP
VCP_FILT+
VCP_FILT‐
8 ms
+3.0 V
‐3.0 V
Hi‐Z
Hi‐Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com