Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4399 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 8Page - Cirrus Logic CS4399 Datasheet HTML 9Page - Cirrus Logic CS4399 Datasheet HTML 10Page - Cirrus Logic CS4399 Datasheet HTML 11Page - Cirrus Logic CS4399 Datasheet HTML 12Page - Cirrus Logic CS4399 Datasheet HTML 13Page - Cirrus Logic CS4399 Datasheet HTML 14Page - Cirrus Logic CS4399 Datasheet HTML 15Page - Cirrus Logic CS4399 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 111 page
background image
12
DS1113F1
CS4399
3 Characteristics and Specifications
Table 3-3. Absolute Maximum Ratings
GNDD = GNDA= GNDCP = 0 V; all voltages with respect to ground.
Parameters
Symbol
Minimum
Maximum
Units
DC power supply
Analog
Battery
Charge pump
Filtered charge pump (positive)
Filtered charge pump (negative)
Digital interface
Digital internal
VA
VP
VCP
VCP_FILT+
VCP_FILT–
VL
VD
–0.3
–0.3
–0.3
–0.3
0.3
–0.3
–0.3
2.33
6.3
2.33
3.3
–3.3
2.33
2.33
V
V
V
V
V
V
V
Input current 1
1.Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins do not cause SCR latch-up.
Iin
—±10
mA
Ambient operating temperature (power applied)
TA
–50
+115
°C
Storage temperature
Tstg
–65
+150
°C
Caution: Stresses beyond “Absolute Maximum Ratings” levels may cause permanent damage to the device. These levels are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in Table 3-2, “Recommended Operating
Conditions” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 3-4. Analog Output Characteristics (HV_EN = 1) 1
Test conditions (unless otherwise specified): Fig. 2-1 shows CS4399 connections; input test signal is a 32-bit, full-scale 997-Hz sine wave (unless specified
otherwise); GNDA = GNDCP = GNDD = 0 V; voltages are with respect to ground; ASP_M/Sb = 1; typical, min/max performance data taken with VA =
VCP = 1.8 V; VL = VD = 1.8 V; VP = 3.6 V; TA = +25°C; measurement bandwidth is 20 Hz–20 kHz; ASP_SPRATE = 0001 (LRCK = 44.1-kHz mode);
PDN_XTAL = 0, MCLK_INT = 1, and MCLK_SRC_SEL = 00 (crystal frequency fXTAL = 22.5792 MHz); Volume = 0 dB; when testing in DSD processor
mode, DSD_ZERODB = 1
; when testing noise related specifications (dynamic range, THD+N, idle channel noise), no external impedance on REFx.
PCM and DSD Processor Mode Parameter 2,3,4
Minimum
Typical
Maximum
Units
AOUTx
RL = 10 k
CL = 200 pF
OUT_FS = 11
Volume = 0 dB 5,
unless otherwise
specified
Dynamic range
(defined in Table 3-1)
24-bit, 32-bit, DSD
16-bit
A-weighted
Unweighted
A-weighted
Unweighted
124
121
91
88
130
127
97
94
—
—
—
—
dB
dB
dB
dB
THD+N
(defined in Table 3-1)
24-bit, 32-bit, DSD
16-bit
0 dB
–20 dB
–60 dB
0 dB
–20 dB
–60 dB
—
—
—
—
—
—
–108
–97
–67
–94
–74
–34
–101
—
–61
–88
—
–28
dB
dB
dB
dB
dB
dB
Idle channel noise
(A-weighted)
(defined in Table 3-1)
24-bit, 32-bit, DSD
—
0.55
—
µV
Full-scale output voltage
4.66
4.90
5.14
Vpp
Interchannel isolation 6(defined in Table 3-1)
217 Hz
1 kHz
20 kHz
—
—
—
110
95
68
—
—
—
dB
dB
dB
AOUTx
RL = 600 
CL = 200 pF
OUT_FS = 11
Volume = 0 dB 5,
unless otherwise
specified
Dynamic range
(defined in Table 3-1)
24-bit, 32-bit, DSD
16-bit
A-weighted
Unweighted
A-weighted
Unweighted
124
121
91
88
130
127
97
94
—
—
—
—
dB
dB
dB
dB
THD+N
(defined in Table 3-1)
24-bit, 32-bit, DSD
16-bit
0 dB
–20 dB
–60 dB
0 dB
–20 dB
–60 dB
—
—
—
—
—
—
–108
–97
–67
–94
–74
–34
–101
—
–61
–88
—
–28
dB
dB
dB
dB
dB
dB
Idle channel noise
(A-weighted)
(defined in Table 3-1)
24-bit, 32-bit, DSD
—
0.55
—
µV
Full-scale output voltage
4.66
4.90
5.14
Vpp
Output power
—
5
—
mW
Interchannel isolation 6(defined in Table 3-1)
217 Hz
1 kHz
20 kHz
—
—
—
110
95
68
—
—
—
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com