Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4399 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 10Page - Cirrus Logic CS4399 Datasheet HTML 11Page - Cirrus Logic CS4399 Datasheet HTML 12Page - Cirrus Logic CS4399 Datasheet HTML 13Page - Cirrus Logic CS4399 Datasheet HTML 14Page - Cirrus Logic CS4399 Datasheet HTML 15Page - Cirrus Logic CS4399 Datasheet HTML 16Page - Cirrus Logic CS4399 Datasheet HTML 17Page - Cirrus Logic CS4399 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
14
DS1113F1
CS4399
3 Characteristics and Specifications
Fast Roll-Off
(FILTER_SLOW_FASTB =0)
Quad-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
9.44
—
—
—
0.114
0.46
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.01-dB corner
–0.01
—
0.01
dB
Stopband
0.583
—
—
Fs
Stopband attenuation 6
80
—
—
dB
Group delay (linear phase)
PHCOMB_LOWLATB = 1
—
20.7/Fs
—
s
Group delay (minimum phase)
PHCOMB_LOWLATB = 0
—
11.3/Fs
—
s
Slow Roll-Off
(FILTER_SLOW_FASTB =1)
Single-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
6.45 11
—
—
—
0.417
0.49
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.01-dB corner 5
–0.01
—
+0.01
dB
Stopband
0.583
—
—
Fs
Stopband attenuation 6
64
—
—
dB
Group delay (linear phase)
PHCOMB_LOWLATB = 1
—
34.5/Fs
12
—s
Group delay (minimum phase)
PHCOMB_LOWLATB = 0
—
5.6/Fs 13
—s
Deemphasis error 10
(Relative to 1 kHz)
Fs = 44.1 kHz
—
—
±0.14
dB
Slow Roll-Off
(FILTER_SLOW_FASTB =1)
Double-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
7
—
—
—
0.208
0.458
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.01-dB corner
–0.01
—
0.01
dB
Stopband
0.792
—
—
Fs
Stopband attenuation 6
70
—
—
dB
Group delay (linear phase)
PHCOMB_LOWLATB = 1
—
22.3/Fs
—
s
Group delay (minimum phase)
PHCOMB_LOWLATB = 0
—
6.7/Fs
—
s
Slow Roll-Off
(FILTER_SLOW_FASTB =1)
Quad-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
attenuation @ Fs/2
0
0
7.00
—
—
—
0.104
0.43
—
Fs
Fs
dB
Passband ripple 10 Hz to –0.01-dB corner
–0.01
—
0.01
dB
Stopband
0.792
—
—
Fs
Stopband attenuation 6
75
—
—
dB
Group delay (linear phase)
PHCOMB_LOWLATB = 1
—
20.7/Fs
—
s
Group delay (minimum phase)
PHCOMB_LOWLATB = 0
—
10.6/Fs
—
s
Nonoversampling (NOS)
(NOS =1)
Single-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
0
0
—
—
0.026
0.444
Fs
Fs
Passband droop 10 Hz to 20 kHz
—
—
3.2 14
dB
Group delay
—
2.7/Fs
—
s
Nonoversampling (NOS)
(NOS =1)
Double-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
0
0
—
—
0.0246
0.446
Fs
Fs
Passband droop 10 Hz to 20 kHz
—
—
0.73
dB
Group delay
—
4.5/Fs
—
s
Nonoversampling (NOS)
(NOS =1)
Quad-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
0
0
—
—
0.026
0.405
Fs
Fs
Passband droop 10 Hz to 20 kHz
—
—
0.167
dB
Group delay
—
8.4/Fs
—
s
Octuple-Speed Mode 1
Passband 2
to –0.01-dB corner
to –3-dB corner
0
0
—
—
0.0299
0.302
Fs
Fs
Passband droop 10 Hz to 20 kHz
—
—
0.037
dB
Group delay
—
17/Fs
—
s
1. Filter response is by design.
2. Response is clock-dependent and scales with Fs.
3. 8.5 dB for 32-kHz sample rate.
4. 0.454 Fs for 32-kHz sample rate.
5. Filter ripple specification is invalid with deemphasis enabled.
Table 3-5. Combined DAC Digital, On-Chip Analog and AOUTx Filter Characteristics (Cont.)
Test conditions (unless specified otherwise): The filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired
sample rate by multiplying the given characteristic by Fs. Single-Speed Mode refers to 32-, 44.1-, and 48-kHz sample rates. Double-Speed Mode refers
to 88.2- and 96-kHz sample rates. Quad-Speed Mode refers to 176.4- and 192-kHz sample rates. Octuple-Speed Mode refers to 352.8- and 384-kHz
sample rates. MCLK_INT is an integer multiple of Fs; HPF disabled; no DC offset applied; group delay does not include serial port delay.
Parameter
Minimum Typical Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com