Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4399 Datasheet(PDF) 86 Page - Cirrus Logic

Part # CS4399
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4399 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CS4399 Datasheet HTML 82Page - Cirrus Logic CS4399 Datasheet HTML 83Page - Cirrus Logic CS4399 Datasheet HTML 84Page - Cirrus Logic CS4399 Datasheet HTML 85Page - Cirrus Logic CS4399 Datasheet HTML 86Page - Cirrus Logic CS4399 Datasheet HTML 87Page - Cirrus Logic CS4399 Datasheet HTML 88Page - Cirrus Logic CS4399 Datasheet HTML 89Page - Cirrus Logic CS4399 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 111 page
background image
86
DS1113F1
CS4399
7.5 Analog Output and PCM Registers
7.5 Analog Output and PCM Registers
0MIX_PCM_
DSD
Enable PCM stream mixing into DSD stream. This bit must be set only after MIX_PCM_PREP is enabled. Disable this
bit prior to disabling MIX_PCM_PREP bit. This mode requires DSD_EN to be enabled and DSD_PRC_SRC set to
receive DSD through either the DSD interface or XSP.
0 (Default) Function disabled
1 Enable PCM stream mixing into the DSD stream
7.4.7
DSD Processor Path Signal Control 3
Address 0x70006
R/W
76543210
DSD_ZERODB DSD_HPF_EN
—
SIGCTL_
DSDEQPCM
DSD_INV_A
DSD_INV_B
DSD_SWAP_
CHAN
DSD_COPY_
CHAN
Default
01000000
Bits
Name
Description
7DSD_
ZERODB
Setting on DSD stream volume to match PCM stream volume.
0 (Default) The SACD +3.1-dB level (71% modulation index) matches PCM 0 dB full scale.
1 The SACD 0-dB reference level (50% modulation index) matches PCM 0 dB full scale.
6
DSD_HPF_EN Enable the high pass filter in the DSD processor.
0 HPF disabled
1 (Default) Enable HPF in the DSD processor
5—
Reserved
4SIGCTL_
DSDEQPCM
Enable DSD signal path control register bits to be controlled by PCM setting. DSD setting is ignored. Register bits
affected are the following:
DSD_VOL_BEQA, DSD_SZC, DSD_AMUTE, DSD_AMUTE_BEQA, DSD_MUTE_A, DSD_MUTE_B, DSD_INV_A,
DSD_INV_B, DSD_SWAP_CHAN, DSD_COPY_CHAN
After set, each DSD_x register bit is equal to setting of PCM_x register bit.
0 (Default) Function is disabled
1 Function is enabled
3
DSD_INV_A DSD Processor Channel A signal invert.
0 (Default) Function is disabled
1 Signal polarity of channel A is inverted
2
DSD_INV_B DSD Processor Channel B signal invert
0 (Default) the function is disabled
1 Signal polarity of channel B is inverted
1
DSD_SWAP_
CHAN
Swap channels A and B at the input. This bit takes effect before DSD_COPY_CHAN and DSD_INV_x.
0 (Default) Function disabled
1 Enable channel A and B swapping
0DSD_COPY_
CHAN
Copy channel A to channel B. This bit takes effect after DSD_SWAP_CHAN, but before DSD_INV_x.
0 (Default) Function disabled
1 Enable copy A to B function
7.5.1
Analog Output Control 1
Address 0x80000
R/W
76543210
——
OUT_FS
—
—
Default
00110000
Bits
Name
Description
7:6
—
Reserved
5:4
OUT_FS
Output full scale setting. This setting must only be updated when PDN_HP is set.
00 Reserved
01 Reserved
10 1.41 V
11 (Default) 1.73 V
3—
Reserved
2:0
—
Reserved
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com