Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 79Page - Texas Instruments TMS320DM6431 Datasheet HTML 80Page - Texas Instruments TMS320DM6431 Datasheet HTML 81Page - Texas Instruments TMS320DM6431 Datasheet HTML 82Page - Texas Instruments TMS320DM6431 Datasheet HTML 83Page - Texas Instruments TMS320DM6431 Datasheet HTML 84Page - Texas Instruments TMS320DM6431 Datasheet HTML 85Page - Texas Instruments TMS320DM6431 Datasheet HTML 86Page - Texas Instruments TMS320DM6431 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 227 page
background image
TMS320DM6431
Digital Media Processor
www.ti.com
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-18. PINMUX0 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
8-bit EMIFA (Async) Pinout Mode 1 Address Width Select or Fast Boot PLL
Multiplier Select
This field serves two purposes:
1.
If AEM = 001b, this field serves as the 8-bit EMIFA (Async) Pinout Mode 1
Address Width Select.
2.
If FASTBOOT = 1 and AEM = 0 (000b) or 5 (101b), this field serves as the
Fastboot PLL Multiplier Select.
Fastboot PLL Multiplier Select: For more details on the AEAW pin functions as
Fastboot PLL Multiplier Select, see Section 3.4.1, Bootmodes.
EMIFA Address Width Select:
Sub-Block 0
000b = EMIFA (Async) pinout supports only EM_A[12:0] address pins.
EMIFA (Async) signals EM_A[20:13] are not pinned out. You get 6 GPIO pins
EM_A[13]/GP[51]
GP[51:46] and PINMUX bit field CI10SEL determines the function of the other
EM_A[14]/GP[50]
2 pins.
EM_A[15]/GP[49]
EM_A[16]/GP[48]
001b = EMIFA (Async) pinout supports only EM_A[14:0] address pins.
EM_A[17]/GP[47]
EMIFA (Async) signals EM_A[14:13] are pinned out.
18:16
AEAW(1)
EM_A[18]/GP[46]
EMIFA (Async) signals EM_A[20:15] are not pinned out. You get 4 GPIO pins
CI1(CCD9)/EM_A[19]/GP[45]
GP[49:46] and PINMUX0 bit field CI10SEL determines the function of the other
CI0(CCD8)/EM_A[20]/GP[44]
2 pins.
The combination of PINMUX0 fields AEM,
010b = EMIFA (Async) pinout supports only address pins EM_A[16:0].
AEAW, and CI10SEL control the muxing of
EMIFA (Async) signals EM_A[16:13] are pinned out.
these 8 pins. (2)
EMIFA (Async) signals EM_A[20:17] are not pinned out. You get 2 GPIO pins
GP[47:46] and PINMUX0 bit field CI10SEL determines the function of the other
2 pins.
011b = EMIFA (Async) pinout supports only address pins EM_A[18:0].
EMIFA (Async) signals EM_A[18:13] are pinned out.
EMIFA (Async) signals EM_A[20:19] are not pinned out. PINMUX0 bit field
CI10SEL determines the function of these 2 pins.
100b = EMIFA (Async) pinout supports address pins EM_A[20:0].
EMIFA (Async) signals EM_A[20:13] are pinned out. PINMUX0 bit field CI10SEL
must be programmed to 0.
101b through 111b = Reserved.
Reserved. For proper device operation, the user should only write "0" to these bits
15:12
RESERVED
(default).
Chip Select 3 Select.
Sub-Block 1
00 = GPIO pin (GP13) (default)
EM_CS3/GP[13]
11:10
CS3SEL
01 = EMIFA Chip Select 3 (EM_CS3)
The PINMUX0 field CS3SEL alone controls the
10 = Reserved
muxing of this pin.
11 = Reserved
Chip Select 4 Select.
Sub-Block 1
00 = GPIO pin (GP32) (default)
EM_CS4/GP[32]
9:8
CS4SEL
01 = EMIFA Chip Select 4 (EM_CS4)
The PINMUX0 field CS4SEL alone controls the
10 = Reserved
muxing of this pin.
11 = Reserved
Chip Select 5 Select.
Sub-Block 1
00 = GPIO pin (GP33) (default)
EM_CS5/GP[33]
7:6
CS5SEL
01 = EMIFA Chip Select 5 (EM_CS5)
The PINMUX0 field CS5SEL alone controls the
10 = Reserved
muxing of this pin.
11 = Reserved
Reserved. For proper device operation, the user should only write "0" to these bits
5:3
RESERVED
(default).
(1)
The AEAW default value is latched at reset from AEAW[2:0] configuration inputs. The latched values are also shown at
BOOTCFG.PLLMS (read-only).
(2)
For the full set of valid configurations of these pins, see Section 3.7.3.11.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary.
Submit Documentation Feedback
Device Configurations
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com