Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6431 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 86Page - Texas Instruments TMS320DM6431 Datasheet HTML 87Page - Texas Instruments TMS320DM6431 Datasheet HTML 88Page - Texas Instruments TMS320DM6431 Datasheet HTML 89Page - Texas Instruments TMS320DM6431 Datasheet HTML 90Page - Texas Instruments TMS320DM6431 Datasheet HTML 91Page - Texas Instruments TMS320DM6431 Datasheet HTML 92Page - Texas Instruments TMS320DM6431 Datasheet HTML 93Page - Texas Instruments TMS320DM6431 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 227 page
background image
3.7.3.2 Peripherals Spanning Multiple Pin Mux Blocks
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
Table 3-20. Multiplexed Pins on DM6431 (continued)
SIGNAL
PINMUX DESCRIPTION
ZWT
ZDU
NAME
PINMUX GROUP
CONTROLLED BY PINMUX BIT FIELDS
NO.
NO.
AXR0[3]/FSR0/GP[102]
G4
J3
Serial Port Sub-Block 0
SPBK0
AXR0[2]/FSX0/GP[103]
H3
J2
Serial Port Sub-Block 0
SPBK0
AXR0[1]/DX0/GP[104]
J3
K2
Serial Port Sub-Block 0
SPBK0
AXR0[0]/GP[105]
H2
H2
Serial Port Sub-Block 1
SPBK1
ACLKX0/GP[106]
F1
G1
Serial Port Sub-Block 1
SPBK1
AFSX0/GP[107]
G2
G2
Serial Port Sub-Block 1
SPBK1
AHCLKX0/GP[108]
G1
H1
Serial Port Sub-Block 1
SPBK1
AMUTEIN0/GP[109]
F2
G3
Serial Port Sub-Block 1
SPBK1
AMUTE0/GP[110]
G3
H3
Serial Port Sub-Block 1
SPBK1
HECC_RX/TINP1L/GP[56]
L4
P3
Timer 1 Block
TIM1BK
HECC_TX/TOUT1L/GP[55]
K4
N3
Timer 1 Block
TIM1BK
TINP0L/GP[98]
K2
L2
Timer 0 Block
TIM0BK
CLKS0/TOUT0L/GP[97]
J4
L3
Timer 0 Block
TIM0BK
URXD0/GP[85]
L2
M2
UART0 Data Block
UR0DBK
UTXD0/GP[86]
K3
N1
UART0 Data Block
UR0DBK
UCTS0/GP[87]
L1
P1
UART0 Flow Control Block
UR0FCBK
URTS0/PWM0/GP[88]
L3
M3
UART0 Flow Control Block
UR0FCBK
CLKOUT0/PWM2/GP[84]
M1
R1
CLKOUT Block
CKOBK
Note: PINMUX group EMIFA/VPSS Sub-Block 2 is not shown in the above table because there is no
actual pin multiplexing in that block. But this block is still considered a "pin mux block" because it contains
some of the pins necessary for EMIFA. The pins in this block are as follows:
• EMIFA/VPSS Sub-Block 2
–
EM_WAIT/(RDY/BSY)
–
EM_OE
–
EM_WE
Some peripherals span multiple Pin Mux Blocks. To use these peripherals, they must be selected in all of
the relevant Pin Mux Blocks. The following is the list of peripherals that span multiple Pin Mux Blocks:
• McBSP0: Six McBSP0 pins are located in the Serial Port Sub-Block 0, but the CLKS0 pin is muxed in
the Timer0 Block. To select McBSP0 pins, program PINMUX registers as follows:
–
Serial Port Sub-Block 0: SPBK0 = 01
–
Timer0 Block: If CLKS0 pin is desired, program TIM0BK = 10 or 11.
• UART0: The two UART0 data pins are located in the UART0 Data Block, but the two UART0 flow
control pins are located in the UART0 Flow Control Block. To select UART0, program PINMUX
registers as follows:
–
UART0 Data Block: UR0BK = 1
–
UART0 Flow Control Block: If flow control pins are desired, program UR0FCBK = 01.
Device Configurations
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com