| Electronic Components Datasheet Search |
|
TMS320DM6431 Datasheet(PDF) 128 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6431 Datasheet(HTML) 128 Page - Texas Instruments |
|
128 / 227 page ![]() 6.4 Enhanced Direct Memory Access (EDMA3) Controller 6.4.1 EDMA3 Channel Synchronization Events TMS320DM6431 Digital Media Processor SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008 www.ti.com The EDMA controller handles all data transfers between memories and the device slave peripherals on the DM6431 device. These data transfers include cache servicing, non-cacheable memory accesses, user-programmed data transfers, and host accesses. These are summarized as follows: • Transfer to/from on-chip memories – DSP L1D memory – DSP L2 memory • Transfer to/from external storage – DDR2 SDRAM – NAND flash – Asynchronous EMIF (EMIFA) • Transfer to/from peripherals/hosts – McBSP0 – McASP0 – PWM – UART0 – HECC The EDMA supports two addressing modes: constant addressing and increment addressing. On the DM6431, constant addressing mode is not supported by any peripheral or internal memory. For more information on these two addressing modes, see the TMS320DM643x DMP Enhanced Direct Memory Access (EDMA3) Controller User’s Guide (literature number SPRU987). The EDMA supports up to 64 EDMA channels which service peripheral devices and external memory. Table 6-6 lists the source of EDMA synchronization events associated with each of the programmable EDMA channels. For the DM6431 device, the association of an event to a channel is fixed; each of the EDMA channels has one specific event associated with it. These specific events are captured in the EDMA event registers (ER, ERH) even if the events are disabled by the EDMA event enable registers (EER, EERH). For more detailed information on the EDMA module and how EDMA events are enabled, captured, processed, linked, chained, and cleared, etc., see the TMS320DM643x DMP Enhanced Direct Memory Access (EDMA3) Controller User’s Guide (literature number SPRU987). Table 6-6. DM6431 EDMA Channel Synchronization Events(1) EDMA EVENT NAME EVENT DESCRIPTION CHANNEL 0-1 – Reserved 2 XEVT0 McBSP0 Transmit Event 3 REVT0 McBSP0 Receive Event 4 – Reserved 5 – Reserved 6 – Reserved 7 – Reserved 8 – Reserved 9 – Reserved 10 AXEVTE0 McASP0 Transmit Event Even 11 AXEVTO0 McASP0 Transmit Event Odd 12 AXEVT0 McASP0 Transmit Event (1) In addition to the events shown in this table, each of the 64 channels can also be synchronized with the transfer completion or alternate transfer completion events. For more detailed information on EDMA event-transfer chaining, see the Document Support section for the Enhanced Direct Memory Access (EDMA) Controller Reference Guide. Peripheral Information and Electrical Specifications 128 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |