Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87372 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87372
Description  LPC SuperI/O with Glue Functions
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87372 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC87372 Datasheet HTML 135Page - National Semiconductor (TI) PC87372 Datasheet HTML 136Page - National Semiconductor (TI) PC87372 Datasheet HTML 137Page - National Semiconductor (TI) PC87372 Datasheet HTML 138Page - National Semiconductor (TI) PC87372 Datasheet HTML 139Page - National Semiconductor (TI) PC87372 Datasheet HTML 140Page - National Semiconductor (TI) PC87372 Datasheet HTML 141Page - National Semiconductor (TI) PC87372 Datasheet HTML 142Page - National Semiconductor (TI) PC87372 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
10.0 Device Characteristics (Continued)
139
www.national.com
Revision 1.2
10.4.7 Serial Port Timing
Serial Port Data Timing
Modem Control Timing
Symbol
Parameter
Conditions
Min
Max
Unit
tBT
Single Bit Time in Serial Port1
1. Not tested. Guaranteed by design.
Transmitter
tBTN − 25
2
2. tBTN is the nominal bit time in the Serial Port; it is determined by the setting of the Baud Generator Divisor reg-
isters.
tBTN +25
2
ns
Receiver
tBTN − 2%
2
tBTN +2%
2
ns
Symbol
Parameter
Min
Max
Unit
tL
RI Low Time1,2
1. Not tested. Guaranteed by characterization.
2. The value also applies to RI wake-up detection in the SWC module
10
ns
tH
RI High Time1,2
10
ns
tSIM
Delay to Set IRQ from Modem Input
40
ns
tBT
SIN, SOUT
CTS, DSR, DCD
INTERRUPT
(Read MSR)
RI
tSIM
tSIM
tSIM
tH
tL
(Read MSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com