Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C66013-PVC Datasheet(PDF) 45 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 45 of 58
A “TX0 Byte” entry in the IN column implies that the SIE transmit a zero length byte packet in response to the IN token received
from the host.
An “Ignore” in any of the columns means that the device will not send any handshake tokens (no ACK) to the host.
An “Accept” in any of the columns means that the device will respond with an ACK to a valid SETUP transaction tot he host.
Comments
Some Mode Bits are automatically changed by the SIE in response to certain USB transactions. For example, if the Mode Bits
[3:0] are set to '1111' which is ACK IN-Status OUT mode as shown in Table 19-1, the SIE will change the endpoint Mode Bits [3:0]
to NAK IN-Status OUT mode (1110) after ACK’ing a valid status stage OUT token. The firmware needs to update the mode for
the SIE to respond appropriately. See Table 18-1 for more details on what modes will be changed by the SIE. A disabled endpoint
will remain disabled until changed by firmware, and all endpoints reset to the disabled mode (0000). Firmware normally enables
the endpoint mode after a SetConfiguration request.
Any SETUP packet to an enabled endpoint with mode set to accept SETUPs will be changed by the SIE to 0001 (NAKing INs
and OUTs). Any mode set to accept a SETUP will send an ACK handshake to a valid SETUP token.
The control endpoint has three status bits for identifying the token type received (SETUP, IN, or OUT), but the endpoint must be
placed in the correct mode to function as such. Non-Control endpoints should not be placed into modes that accept SETUPs.
Note that most modes that control transactions involving an ending ACK, are changed by the SIE to a corresponding mode which
NAKs subsequent packets following the ACK. Exceptions are modes 1010 and 1110.
The response of the SIE can be summarized as follows:
1. The SIE will only respond to valid transactions, and will ignore non-valid ones.
2. The SIE will generate an interrupt when a valid transaction is completed or when the FIFO is corrupted. FIFO corruption occurs
during an OUT or SETUP transaction to a valid internal address, that ends with a non-valid CRC.
3. An incoming Data packet is valid if the count is < Endpoint Size + 2 (includes CRC) and passes all error checking;
4. An IN will be ignored by an OUT configured endpoint and visa versa.
5. The IN and OUT PID status is updated at the end of a transaction.
6. The SETUP PID status is updated at the beginning of the Data packet phase.
Table 20-2. Decode Table for Table 20-3: “Details of Modes for Differing Traffic Conditions”
Properties of
Incoming Packets
Changes to the Internal Register made by the SIE on receiving an incoming
packet from the host
Interrupt
3
2
1
0
Token
count
buffer
dval
DTOG
DVAL
COUNT
Setup
In
Out
ACK
3
2
1
0
Response
Int
Byte Count (bits 0..5, Figure 17-4)
SIE’s Response
to the Host
Endpoint Mode
encoding
Data Valid (bit 6, Figure 17-4)
Received Token
(SETUP/IN/OUT)
Data0/1 (bit7 Figure 17-4)
PID Status Bits
(Bit[7..5], Figure
17-2)
Endpoint Mode bits
Changed by the SIE
The validity of the received data
The quality status of the DMA buffer
The number of received bytes
Acknowledge phase completed
Legend:
TX : transmit
UC : unchanged
RX : receive
TX0 :Transmit 0 length packet
available for Control endpoint only
x: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com