Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 38Page - Analog Devices AD9689-2000EBZ Datasheet HTML 39Page - Analog Devices AD9689-2000EBZ Datasheet HTML 40Page - Analog Devices AD9689-2000EBZ Datasheet HTML 41Page - Analog Devices AD9689-2000EBZ Datasheet HTML 42Page - Analog Devices AD9689-2000EBZ Datasheet HTML 43Page - Analog Devices AD9689-2000EBZ Datasheet HTML 44Page - Analog Devices AD9689-2000EBZ Datasheet HTML 45Page - Analog Devices AD9689-2000EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 42 of 134
PROGRAMMING INSTRUCTIONS
Use the following procedure to set up the programmable FIR filter:
1.
Enable the sample clock to the device.
2.
Configure the mode registers as follows:
a.
Set the device index to Channel A (I path)
(Register 0x0008 = 0x01).
b.
Set the I path mode (I mode) and gain in
Register 0x0DF8 and Register 0x0DF9 (see Table 12
and Table 13).
c.
Set the device index to Channel B (Q path)
(Register 0x0008 = 0x02).
d.
Set the Q path mode (Q mode) and gain in
Register 0x0DF8 and Register 0x0DF9.
3.
Wait at least 5 μs to allow the programmable filter to power up.
4.
Program the I path coefficients to the internal shadow
registers as follows:
a.
Set the device index to Channel A (I path)
(Register 0x0008 = 0x01).
b.
Program the XI coefficients in Register 0x0E00 to
Register 0x0E7F (see Table 14 and Table 15).
c.
Program the YI coefficients in Register 0x0F00 to
Register 0x0E7F (see Table 14 and Table 15).
d.
Program the tapped delay in Register 0x0F30 (note
that this step is optional).
5.
Program the Q path coefficients to the internal shadow
registers as follows:
a.
Set the device index to Channel B (Q path)
(Register 0x0008 = 0x02).
b.
Set the Q path mode and gain in Register 0x0DF8 and
Register 0x0DF9 (see Table 12 and Table 13).
c.
Program the XQ coefficients in Register 0x0E00 to
Register 0x0E7F (see Table 14 and Table 15).
d.
Program the YQ coefficients in Register 0x0F00 to
Register 0x0E7F (see Table 14 and Table 15).
e.
Program the tapped delay in Register 0x0F30 (note
that this step is optional).
6.
Set the chip transfer bit using either of the following
methods (note that setting the chip transfer bit applies the
programmed shadow coefficients to the filter):
a.
Via the register map by setting the chip transfer bit
(Register 0x000F = 0x01).
b.
Via a GPIO pin, as follows:
i.
Configure one of the GPIO pins as the chip
transfer bit in Register 0x0040 to Register 0x0042.
ii.
Toggle the GPIO pin to initiate the chip transfer
(the rising edge is triggered).
7.
When the I or Q path mode register changes in
Register 0x0DF8, all coefficients must be reprogrammed.
Table 12. Register 0x0DF8 Definition
Bit(s)
Description
[7:3]
Reserved
[2:0]
Filter mode (I mode or Q mode)
000: filters bypassed
001: real 24-tap filter (X only)
010: real 48-tap filter (X and Y together)
100: real set of two cascaded 24-tap filters (X then Y
cascaded)
101: full complex filter using four real 24-tap filters for
Channel A or Channel B (opposite channel must also be
set to 101)
110: half complex filter using two real 48-tap filters +
48-tap delay line (X and Y together) (opposite channel
must also be set to 010)
111: real 96-tap filter (XI, YI, XQ, and YQ together)
(opposite channel must be set to 000)
Table 13. Register 0x0DF9 Definition
Bit(s)
Description
7
Reserved
[6:4]
Y filter gain
110: −12 dB loss
111: −6 dB loss
000: 0 dB gain
001: 6 dB gain
010: 12 dB gain
3
Reserved
[2:0]
X filter gain
110: −12 dB loss
111: −6 dB loss
000: 0 dB gain
001: 6 dB gain
010: 12 dB gain
Table 14 and Table 15 show the coefficient tables in
Register 0x0E00 to Register 0x0F30. Note that all coefficients
are in Q1.15 format (sign bit plus 15 fractional bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com