Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 47Page - Analog Devices AD9689-2000EBZ Datasheet HTML 48Page - Analog Devices AD9689-2000EBZ Datasheet HTML 49Page - Analog Devices AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices AD9689-2000EBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 51 of 134
NCO FTW/POW/MAW/MAB Coherent Mode
For coherent mode, the NCO MAW must be set to zero
(0x0000 0000 0000). In this mode, the NCO FTW can be
calculated by the following equation:


=
s
s
c
f
f
f
FTW
)
,
mod(
2
round 48
(5)
where:
FTW is the 48-bit twos complement number representing the
NCO FTW.
fC is the desired carrier frequency.
fS is the ADC sampling frequency.
mod(x) is a remainder function. For example mod(110,100) =
10 and for negative numbers, mod(−32,10) = −2.
round(x) is a rounding function. For example round(3.6) = 4
and for negative numbers, round(−3.4)= −3.
Note that Equation 5 applies to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals). The MAW must be set to zero to use coherent
mode. When MAW is zero, the programmable modulus logic is
automatically disabled.
For example, if the ADC sampling frequency (fS) is 2600 MSPS
and the carrier frequency (fC) is 416.667 MHz, then
A997
928F
0x2906
2600
)
2600
,
667
.
416
mod(
2
round
_
48
=
=
FTW
NCO
The actual carrier frequency can be calculated based on the
following equation:
48
_
2
S
ACTUAL
C
f
FTW
f
×
=
For the previous example, the actual carrier frequency (fC_ACTUAL) is
fC_ACTUAL =
48
2
2600
667
.
416
×
= 416.66699 MHz
A 48-bit POW is available for each NCO to create a known
phase relationship between multiple chips or individual DDC
channels inside the chip.
While in coherent mode, the FTW and POW registers can be
updated at any time while still maintaining deterministic phase
results in the NCO.
NCO Channel Selection
When configured in coherent mode, only one FTW is required
in the NCO. In this mode, the user can switch to any tuning
frequency without the need to reset the NCO by writing to the
FTW directly. However, for fast switching applications, where
either all FTWs are known beforehand or it is possible to queue
up the next set of FTWs, the NCO contains 16 additional
shadow registers (see Figure 113). These shadow registers are
hereafter referred to as the NCO channels.
Figure 114 shows a simplified block diagram of the NCO
channel selection block. The gray lines in Figure 114 represent
SPI control lines.
Only one NCO channel is active at a time and NCO channel
selection is controlled either by the CMOS GPIO pins or
through the register map.
Each NCO channel selector supports three different modes, as
described in the following sections.
NCO CHANNEL
SELECTION
NCO CHANNEL SELECTION
COUNTER
GPIO
CMOS
PINS
GPIO
SELECTION
MUX
INC
[0]
NCO
REGISTER MAP NCO
CHANNEL SELECTION
0x0314, 0x0334, 0x0354, 0x0374
NCO CHANNEL MODE
[3:0]
IN
IN
IN
IN
REGISTER
MAP
Figure 114. NCO Channel Selection Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com