Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689-2000EBZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9689-2000EBZ
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 46Page - Analog Devices AD9689-2000EBZ Datasheet HTML 47Page - Analog Devices AD9689-2000EBZ Datasheet HTML 48Page - Analog Devices AD9689-2000EBZ Datasheet HTML 49Page - Analog Devices AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 50 of 134
NCO FTW/POW/MAW/MAB Description
The NCO frequency value is determined by the following settings:
•
48-bit twos complement number entered in the FTW.
•
48-bit unsigned number entered in the MAW.
•
48-bit unsigned number entered in the MBW.
Frequencies between −fS/2 and +fS/2 (fS/2 excluded) are
represented using the following values:
•
FTW = 0x8000 0000 0000 and MAW = 0x0000 0000 0000
represents a frequency of −fS/2.
•
FTW = 0x0000 0000 0000 and MAW = 0x0000 0000 0000
represents dc (frequency is 0 Hz).
•
FTW = 0x7FFF FFFF FFFF and MAW = 0x0000 0000 0000
represents a frequency of +fS/2.
NCO FTW/POW/MAW/MAB Programmable Modulus
Mode
For programmable modulus mode, the MAW must be set to a
nonzero value (not equal to 0x0000 0000 0000). This mode is
only needed when frequency accuracy of >48 bits is required.
One example of a rational frequency synthesis requirement that
requires >48 bits of accuracy is a carrier frequency of 1/3 the
sample rate. When frequency accuracy of ≤48 bits is required,
coherent mode must be used (see the NCO FTW/POW/MAW/
MAB Coherent Mode section).
In programmable modulus mode, the FTW, MAW, and MBW
must satisfy the following four equations (for a detailed
description of the programmable modulus feature, see the DDS
architecture described in the AN-953 Application Note):
48
2
)
,
mod(
MBW
MAW
FTW
N
M
f
f
f
s
s
c
+
=
=
(1)
)
)
,
mod(
2
floor( 48
s
s
c
f
f
f
FTW =
(2)
MAW = mod(248 × M,N)
(3)
MBW = N
(4)
where:
fC is the desired carrier frequency.
fS is the ADC sampling frequency.
M is the integer representing the rational numerator of the
frequency ratio.
N is the integer representing the rational denominator of the
frequency ratio.
FTW is the 48-bit twos complement number representing the
NCO FTW.
MAW is the 48-bit unsigned number representing the NCO
MAW (must be <247).
MBW is the 48-bit unsigned number representing the NCO MBW.
mod(x) is a remainder function. For example, mod(110,100) =
10 and for negative numbers, mod(−32,10)= −2.
floor(x) is defined as the largest integer less than or equal to x.
For example, floor(3.6) = 3.
Note that Equation 1 to Equation 4 apply to the aliasing of
signals in the digital domain (that is, aliasing introduced when
digitizing analog signals).
M and N are integers reduced to their lowest terms. MAW and
MBW are integers reduced to their lowest terms. When MAW is
set to zero, the programmable modulus logic is automatically
disabled.
For example, if the ADC sampling frequency (fS) is 2600 MSPS
and the carrier frequency (fC) is 1001.5 MHz, then
5200
2003
2600
)
2600
,
5
.
1001
mod(
=
=
N
M
3590
F68C
0x629B
2600
)
2600
,
5
.
1001
mod(
2
floor 48
=
=
FTW
MAW = mod(248 × 2003, 5200) = 0x0000 0000 0300
MBW = 0x0000 0000 1450
The actual carrier frequency (fC_ACTUAL) can be calculated based
on the following equation:
48
_
2
S
ACTUAL
C
f
MBW
MAW
FTW
f
×
+
=
For the previous example, the actual carrier frequency (fC_ACTUAL) is
MHz
5
.
1001
2
1450
0000
0x0000
0300
0000
0x0000
3590
F68C
0x629B
48
_
=
×
=
ACTUAL
C
f
A 48-bit POW is available for each NCO to create a known
phase relationship between multiple chips or individual DDC
channels inside the chip.
While in programmable modulus mode, the FTW and POW
registers can be updated at any time while still maintaining
deterministic phase results in the NCO. However, the following
procedure must be followed to update the MAW and/or MBW
registers to ensure proper operation of the NCO:
1. Write to the MAW and MBW registers for all the DDCs.
2. Synchronize the NCOs either through the DDC soft reset
bit accessible through the SPI or through the assertion of
the SYSREF± pin (see the Memory Map section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com